Electronic Components Datasheet Search
  English  ▼

X  

AD9215 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9215
Description  10-Bit, 65/80/105 MSPS, 3V A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9215 Datasheet HTML 8Page - Analog Devices AD9215 Datasheet HTML 9Page - Analog Devices AD9215 Datasheet HTML 10Page - Analog Devices AD9215 Datasheet HTML 11Page - Analog Devices AD9215 Datasheet HTML 12Page - Analog Devices AD9215 Datasheet HTML 13Page - Analog Devices AD9215 Datasheet HTML 14Page - Analog Devices AD9215 Datasheet HTML 15Page - Analog Devices AD9215 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD9215
Rev. A | Page 12 of 36
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0
52.500
39.375
26.250
13.125
AIN1, AIN2 = –7dBFS
SFDR = 74dBc
Figure 21. Two-Tone 32k FFT with fIN1 = 70.1 MHz,
and fIN2 = 71.1 MHz, fSAMPLE = 105 MSPS
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0
52.500
39.375
26.250
13.125
AIN1, AIN2 = –7dBFS
SFDR = 74dBc
Figure 22. Two-Tone 32k FFT with fIN1 = 100.3 MHz,
and fIN2 = 101.3 MHz, fSAMPLE = 105 MSPS
0
80
70
60
50
40
30
20
10
–65
–55
–45
–35
–25
–15
–5
AIN1, AIN2 (dBFS)
SFDR
80dBFS REFERENCE LINE
Figure 23. AD9215-105 Two-Tone SFDR vs. AIN,
fIN1 = 70.1 MHz, and fIN2 = 71.1 MHz, fSAMPLE = 105 MSPS
0
80
70
60
50
40
30
20
10
–60
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
AIN (dBFS)
SFDR
80dBFS REFERENCE LINE
Figure 24. AD9215-80 Two-Tone SFDR vs. AIN, fIN1 = 100.3 MHz, and fIN2 =
101.3 MHz, fSAMPLE = 105 MSPS
30
80
75
70
65
60
55
50
45
40
35
20
30
40
50
60
70
80
CLOCK DUTY CYCLE HIGH (%)
SFDR DCS ON
SFDR DCS OFF
SNR DCS ON
SNR DCS OFF
Figure 25. SINAD, SFDR vs.
Clock Duty Cycle, fSAMPLE = 105 MSPS, fIN = 50.3 MH
50
55
60
65
70
75
80
–40
–20
0
20406080
TEMPERATURE (
°C)
2V p-p SFDR (dBc)
1V p-p SFDR (dBc)
2V p-p SINAD
1V p-p SINAD
Figure 26. SINAD, SFDR vs. Temperature,
fSAMPLE = 105 MSPS, fIN = 50 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com