Electronic Components Datasheet Search
  English  ▼

X  

AD9215 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9215
Description  10-Bit, 65/80/105 MSPS, 3V A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9215 Datasheet HTML 28Page - Analog Devices AD9215 Datasheet HTML 29Page - Analog Devices AD9215 Datasheet HTML 30Page - Analog Devices AD9215 Datasheet HTML 31Page - Analog Devices AD9215 Datasheet HTML 32Page - Analog Devices AD9215 Datasheet HTML 33Page - Analog Devices AD9215 Datasheet HTML 34Page - Analog Devices AD9215 Datasheet HTML 35Page - Analog Devices AD9215 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD9215
Rev. A | Page 32 of 36
Item
Qty.
Omit
Reference Designator
Device
Package
Value
Recommended
Vendor/Part No.
24
1
L1
Chip Inductor
0603
10 nH
Coilcraft/0603CS-
10NXGBU
25
1
T1
1:1 RF Transformer
CD542
Mini-Circuits
AWT1-1T
26
1
U1
ADC
28TSSOP
Analog Devices, Inc.
AD9215
27
1
U2
Right Angle 40-Pin Header
Samtec
TSW-120-08-T-D-RA
28
2
U3, U4
Octal D-Type Flip-Flop
Fairchild 74LVT57MSA
29
1
U5
Quad XOR Gate
SO14
Fairchild 74VCX86M
30
1
U6
High Speed Amplifier
SOMB10
Analog Devices, Inc.
AD8351ARM
2
J1, J3
31
1
J4
SMB Connecter
SMBP
32
2
P1, P2
Power Connector
PTMICRO4
Weiland
Z5.531.3425.0 Posts
25.602.5453.0 Top
33
26
E1/E5, E2/E3, E4/E8,
E9/E11, E6/E7, E16/E17,
E19/E22, E18/E23, E21/20,
E35/E51, E36/E50, E43/E53,
E44/E52
Headers/Jumper Blocks
TSW-120-07-G-S
SMT-100-BK-G
34
12
E24/E27, E25/E26, E28/E29,
E13/E14/E30, E12/E32/E45
Wirehole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com