Electronic Components Datasheet Search
  English  ▼

X  

AD9215 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9215
Description  10-Bit, 65/80/105 MSPS, 3V A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9215 Datasheet HTML 28Page - Analog Devices AD9215 Datasheet HTML 29Page - Analog Devices AD9215 Datasheet HTML 30Page - Analog Devices AD9215 Datasheet HTML 31Page - Analog Devices AD9215 Datasheet HTML 32Page - Analog Devices AD9215 Datasheet HTML 33Page - Analog Devices AD9215 Datasheet HTML 34Page - Analog Devices AD9215 Datasheet HTML 35Page - Analog Devices AD9215 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD9215
Rev. A | Page 34 of 36
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9215BRU-65
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD9215BRU-80
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD9215BRU-105
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD9215BRURL7-65
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD9215BRURL7-80
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD9215BRURL7-105
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD9215BRU-65EB
AD9215BRU-65 Evaluation Board (TSSOP)
RU-28
AD9215BRU-80EB
AD9215BRU-80 Evaluation Board (TSSOP)
RU-28
AD9215BRU-105EB
AD9215BRU-105 Evaluation Board (TSSOP)
RU-28
AD9215BCP-65
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32
AD9215BCP-80
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32
AD9215BCP-105
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32
AD9215BCPZ-651
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32
AD9215BCPZ-801
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32
AD9215BCPZ-1051
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32
AD9215BCP-65EB
AD9215BCP-65 Evaluation Board (LFCSP)
CP-32
AD9215BCP-80EB
AD9215BCP-80 Evaluation Board (LFCSP)
CP-32
AD9215BCP-105EB
AD9215BCP-105 Evaluation Board (LFCSP)
CP-32
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com