Electronic Components Datasheet Search
  English  ▼

X  

AD9215 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9215
Description  10-Bit, 65/80/105 MSPS, 3V A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9215 Datasheet HTML 14Page - Analog Devices AD9215 Datasheet HTML 15Page - Analog Devices AD9215 Datasheet HTML 16Page - Analog Devices AD9215 Datasheet HTML 17Page - Analog Devices AD9215 Datasheet HTML 18Page - Analog Devices AD9215 Datasheet HTML 19Page - Analog Devices AD9215 Datasheet HTML 20Page - Analog Devices AD9215 Datasheet HTML 21Page - Analog Devices AD9215 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD9215
Rev. A | Page 18 of 36
ILOAD (mA)
0
0.05
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.5
1.0
1.5
2.0
2.5
3.0
VREF = 0.5V
VREF = 1.0V
Figure 38. VREF Accuracy vs. Load
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics. When multiple ADCs track one another, a single refer-
ence (internal or external) may be necessary to reduce gain
matching errors to an acceptable level. A high precision external
reference may also be selected to provide lower gain and offset
temperature drift. Figure 39 shows the typical drift characteris-
tics of the internal reference in both 1 V and 0.5 V modes.
TEMPERATURE (
°C)
0.4
0.5
0.6
0.3
0.2
0.1
0
–40
–20
0
20
40
60
80
VREF = 1.0V
VREF = 0.5V
Figure 39. Typical VREF Drift
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
7 kΩ load. The internal buffer still generates the positive and
negative full-scale references, REFT and REFB, for the ADC
core. The input span is always twice the value of the reference
voltage; therefore, the external reference must be limited to a
maximum of 1 V.
Operational Mode Selection
As discussed earlier, the AD9215 can output data in either offset
binary or twos complement format. There is also a provision for
enabling or disabling the clock duty cycle stabilizer (DCS). The
MODE pin is a multilevel input that controls the data format
and DCS state. For best ac performance, enabling the duty cycle
stabilizer is recommended for all applications. The input
threshold values and corresponding mode selections are out-
lined in Table 9.
As detailed in Table 9, the data format can be selected for either
offset binary or twos complement.
Table 9. Mode Selection
MODE Voltage
Data Format
Duty Cycle Stabilizer
AVDD
Twos Complement
Disabled
2/3 AVDD
Twos Complement
Enabled
1/3 AVDD
Offset Binary
Enabled
AGND (Default)
Offset Binary
Disabled
The MODE pin is internally pulled down to AGND by a 20 kΩ
resistor.
EVALUATION BOARD
The AD9215 evaluation board provides all of the support cir-
cuitry required to operate the ADC in its various modes and
configurations. The converter can be driven differentially
through an AD8351 driver, a transformer, or single-ended.
Separate power pins are provided to isolate the DUT from the
support circuitry. Each input configuration can be selected by
proper connection of various jumpers (refer to the schematics).
Figure 40 shows the typical bench characterization setup used
to evaluate the ac performance of the AD9215. It is critical that
signal sources with very low phase noise (<1 ps rms jitter) be
used to realize the ultimate performance of the converter.
Proper filtering of the input signal, to remove harmonics and
lower the integrated noise at the input, is also necessary to
achieve the specified noise performance.
Complete schematics and layout plots follow that demonstrate
the proper routing and grounding techniques that should be
applied at the system level.
R AND S SMG, 2V p-p
SIGNAL SYNTHESIZER
R AND S SMG, 2V p-p
SIGNAL SYNTHESIZER
REFIN
10MHz
REFOUT
BAND-PASS
FILTER
3.0V
–+
–
+
–
+
–+
2.5V
5.0V
AVDD
DRVDD
GND
GND VDL
VAMP
XFMR
INPUT
CLK
P12
AD9215
EVALUATION BOARD
DATA
CAPTURE
AND
PROCESSING
2.5V
Figure 40. Evaluation Board Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com