Electronic Components Datasheet Search
  English  ▼

X  

CM6900IP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CM6900IP
Description  PFC/PWM COMBO w/ INRUSH CURRENT CONTROL & SEPARATED PFCOVP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6900IP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CM6900IP Datasheet HTML 1Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 2Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 3Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CM6900
PFC/PWM COMBO w/ INRUSH CURRENT CONTROL & SEPARATED PFCOVP
2003/04/23
Preliminary Rev. 1.2
Champion Microelectronic Corporation
Page 3
15
VDDD
Digital Power
VCCA-
0.3
VCCA
VCCA+0.
3
16
VCCA
Analog Power
10
15
20
V
17
VREF
Buffered output for the internal 7.5V reference
7.5
V
18
VFB2
PFC transconductance voltage error amplifier input
0
2.5
3
V
19
VFB
PFC transconductance voltage error amplifier input
0
2.5
3
V
20
VEAO
PFC transconductance voltage error amplifier output
0
6
V
SIMPLIFIED BLOCK DIAGRAM
7
VDC
15
VDDD
PFC OVP
+
-
.
PWM
DUTY
-1V
UVLO
SW SPST
S
R
Q
Q
+
-
S
R
Q
SW SPST
3.5K
10
DC ILIMIT
SS CMP
DUTY CYCLE
LIMIT
4
VRMS
CM6900(ON:13V/OFF:10V)
VFB
19.4V
MPPFC
CLK
3
ISENSE
GMI
+
-
.
14
PFC OUT
6
SS
VCCA
PWM
CMP
MPPWM
VCCA
11
AGND
0.5V
SW SPST
VREF
PFCOUT
350
PFC CMP
16
VCCA
+
-
VCC OVP
17
VREF
+
-
PFC ILIMIT
2.75V
GAIN
MODULATOR
9
RAMP2
1.5V
Inrush Current
13
PWM OUT
VIN OK
+
-
.
2.5V
VCCA
1
IEAO
8
RAMP1
2.45V
GMV
+
-
.
5
INRUSHSTOPB
S
R
Q
Q
VSSD
350
3.5K
1.0V
PWMOUT
DC ILIMIT
7.5V
REFERENCE
20uA
20
VEAO
VDDD
S
R
Q
Q
UVLO
12
VSSD
19
VFB
2
IAC
SW SPST
+
-
LOW POWER
DETECT
MNPWM
18
VFB2
MNPFC
-1.8V
OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com