Electronic Components Datasheet Search
  English  ▼

X  

CM6900IP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM6900IP
Description  PFC/PWM COMBO w/ INRUSH CURRENT CONTROL & SEPARATED PFCOVP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6900IP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM6900IP Datasheet HTML 1Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 2Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 3Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CM6900
PFC/PWM COMBO w/ INRUSH CURRENT CONTROL & SEPARATED PFCOVP
2003/04/23
Preliminary Rev. 1.2
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
!
Patent Filed #5,565,761, #5,747,977, #5,742,151,
#5,804,950, #5,798,635
!
Inrush Current Control
!
Separated PFC OVP pin
!
Separated Power VCCA and Analog VCCA
!
Separated Power Ground and Analog Ground
!
Additional folded-back current limit for PWM section.
!
23V Bi-CMOS process
!
VIN OK guaranteed turn on PWM at 2.5V instead of 1.5V
!
Internally synchronized leading edge PFC and trailing edge
PWM in one IC
!
Slew rate enhanced transconductance error amplifier for
ultra-fast PFC response
!
Low start-up current (100µA typ.)
!
Low operating current (3.0mA type.)
!
Low total harmonic distortion, high PF
!
Reduces ripple current in the storage capacitor between the
PFC and PWM sections
!
Average current, continuous or discontinuous boost leading
edge PFC
!
VCCA OVP Comparator
!
Low Power Detect Comparator
!
PWM configurable for current mode or voltage mode
operation
!
Current fed gain modulator for improved noise immunity
!
Brown-out control, over-voltage protection, UVLO, and soft
start, and Reference OK
The CM6900 is a controller for power factor corrected,
switched mode power suppliers. Power Factor Correction
(PFC) allows the use of smaller, lower cost bulk capacitors,
reduces power line loading and stress on the switching
FETs, and results in a power supply that fully compiles with
IEC-1000-3-2 specifications. Intended as a BiCMOS
version of the industry-standard ML4824, CM6900 includes
circuits for the implementation of leading edge, average
current, “boost” type power factor correction and a trailing
edge, pulse width modulator (PWM). The CM6900 has
additional features besides all the features of CM6800.
Additional features are Inrush Current Control, Separated
PFC OVP pin, Separated Power VCCA pin and Analog
VCCA pin, and Separated Power Ground pin and Analog
Ground pin. Gate-driver with 1A capabilities minimizes the
need for external driver circuits. Low power requirements
improve efficiency and reduce component costs.
An over-voltage comparator shuts down the PFC section in
the event of a sudden decrease in load. The PFC section
also includes peak current limiting and input voltage
brownout protection. The PWM section can be operated in
current or voltage mode, at up to 250kHz, and includes an
accurate 50% duty cycle limit to prevent transformer
saturation.
24 Hours Technical Support---WebSIM
Champion provides customers an online circuit simulation tool
called WebSIM. You could simply logon our website at
www.champion-micro.com for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com