Electronic Components Datasheet Search
  English  ▼

X  

CM6900IP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CM6900IP
Description  PFC/PWM COMBO w/ INRUSH CURRENT CONTROL & SEPARATED PFCOVP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6900IP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CM6900IP Datasheet HTML 2Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 3Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 9Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CM6900
PFC/PWM COMBO w/ INRUSH CURRENT CONTROL & SEPARATED PFCOVP
2003/04/23
Preliminary Rev. 1.2
Champion Microelectronic Corporation
Page 5
ELECTRICAL CHARACTERISTICS (Conti.) Unless otherwise stated, these specifications apply
VCCA=+15V, RT = 52.3kΩ, CT = 470pF, TA=Operating Temperature Range (Note 1)
CM6900
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Current Error Amplifier (gmi)
Input Voltage Range
-1.5
0.7
V
Transconductance
VNONINV = VINV, VEAO = 3.75V
50
100
150
µmho
Input Offset Voltage
-12
12
mV
Input Bias Current
-1.0
-0.5
µA
Output High Voltage
4.0
4.25
V
Output Low Voltage
0.65
1.0
V
Sink Current
ISENSE = +0.5V, IEAO = 4.0V
-65
-35
µA
Source Current
ISENSE = -0.5V, IEAO = 1.5V
35
75
µA
Open Loop Gain
60
70
dB
Power Supply Rejection Ratio
11V < VCCA < 16.5V
60
75
dB
PFC OVP Comparator
Threshold Voltage
2.70
2.77
2.85
V
Hysteresis
230
290
mV
Low Power Detect Comparator
Threshold Voltage
0.4
0.5
0.6
V
VCCA OVP Comparator
Threshold Voltage
19
19.4
20
V
Hysteresis
1.40
1.5
1.65
V
PFC ILIMIT Comparator
Threshold Voltage
-1.10
-1.00
-0.90
V
(PFC ILIMIT VTH – Gain Modulator
Output)
80
200
mV
Delay to Output (Note 4)
Overdrive Voltage = -100mV
250
ns
DC ILIMIT Comparator
Threshold Voltage
0.95
1.0
1.05
V
Delay to Output (Note 4)
Overdrive Voltage = 100mV
250
ns
VIN OK Comparator
Threshold Voltage
2.35
2.45
2.55
V
Hysteresis
0.8
1.0
1.2
V
GAIN Modulator
IAC = 100µA, VRMS = VFB = 1V
0.59
0.81
IAC = 100µA, VRMS = 1.1V, VFB = 1V
1.47
2.03
IAC = 150µA, VRMS = 1.8V, VFB = 1V
0.66
0.92
Gain (Note 3)
IAC = 300µA, VRMS = 3.3V, VFB = 1V
0.21
0.29
Bandwidth
IAC = 100µA
10
MHz
Output Voltage =
3.5K*(ISENSE-IOFFSET)
IAC = 250µA, VRMS = 1.1V, VFB = 1V
0.70
0.80
0.90
V
Oscillator
Initial Accuracy
TA = 25℃
66
75.5
kHz
Voltage Stability
11V < VCCA < 16.5V
1
%
Temperature Stability
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com