Electronic Components Datasheet Search
  English  ▼

X  

CM6900IP Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CM6900IP
Description  PFC/PWM COMBO w/ INRUSH CURRENT CONTROL & SEPARATED PFCOVP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6900IP Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CM6900IP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 9Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 10Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 11Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CM6900
PFC/PWM COMBO w/ INRUSH CURRENT CONTROL & SEPARATED PFCOVP
2003/04/23
Preliminary Rev. 1.2
Champion Microelectronic Corporation
Page 7
TYPICAL PERFORMANCE CHARACTERISTIC
57
64
71
78
85
92
99
106
113
120
127
2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9
3
VFB (V)
Voltage Error Amplifier (gmv) Transconductance
0
20
40
60
80
100
120
140
160
180
200
220
-500
-400
-300
-200
-100
0
100
200
300
400
500
ISENSE (mV)
Current Error Amplifier (gmi) Transconductance
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
00.5 11.5 2 2.533.5 4 4.5 5
VRMS (V)
Gain Modulator Transfer Characteristic (K)
1
-
AC
OFFSET
GAINMOD
mV
0.625)
-
(6
x
I
I
I
K
−
=
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
00.511.522.533.544.5
5
VRMS (V)
Gain
AC
OFFSET
SENSE
I
I
I
Gain
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com