Electronic Components Datasheet Search
  English  ▼

X  

MTV021 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MTV021
Description  Enhanced Super On-Screen Display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV021 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MTV021 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
MTV021 Revision 5.0 6/29/1999
MTV021
MYSON
TECHNOLOGY
3.0 FUNCTIONAL DESCRIPTIONS
3.1 SERIAL DATA INTERFACE
The serial data interface receives data transmitted from an external controller. And there are 2 types of bus
can be accessed through the serial data interface, one is SPI bus and other is I2C bus.
3.1.1 SPI bus
While SSB pin is pulled to "high" or "low" level, the SPI bus operation is selected. And a valid transmission
should be starting from pulling SSB to "low" level, enabling MTV021 to receiving mode, and retain "low" level
until the last cycle for a complete data packet transfer. The protocol is shown in Figure 1.
PWM4
O
-
-
13
Open-Drain PWM D/A converter 4. The output pulse width is program-
mable by the register of Row 15, Column 27.
PWM5
O
-
-
14
Open-Drain PWM D/A converter 5. The output pulse width is program-
mable by the register of Row 15, Column 28.
PWM6
O
-
11
15
Open-Drain PWM D/A converter 6. The output pulse width is program-
mable by the register of Row 15, Column 29.
PWM7
O
-
12
16
Open-Drain PWM D/A converter 7. The output pulse width is program-
mable by the register of Row 15, Column 30.
VDD
-
9
13
17
Digital power supply. Positive 5 V DC supply for internal digital circuitry
and a 0.1uF decoupling capacitor should be connected across to VDD
and VSS.
VFLB
I
10
14
18
Vertical input. This pin is used to input the vertical synchronizing signal.
It is leading triggered and has an internal pull-up resistor.
HTONE /
PWMCK
O
11
15
19
Half tone output / PWM clock output. This is a multiplexed pin selected
by PWMCK bit. This pin can be a PWM clock or used to attenuate R, G, B
gain of VGA for the transparent windowing effect.
FBKG
O
12
16
20
Fast Blanking output. It is used to cut off external R, G, B signals of
VGA while this chip is displaying characters or windows.
BOUT
O
13
17
21
Blue color output. It is a blue color video signal output.
GOUT
O
14
18
22
Green color output. It is a green color video signal output.
ROUT
O
15
19
23
Red color output. It is a red color video signal output.
VSS
-
16
20
24
Digital ground. This ground pin is used to internal digital circuitry.
Name
I/O
Pin No.
Descriptions
N16 N20 N24
MS
B
LSB
SSB
SCK
SDA
first byte
last byte
FIGURE 1. Data Transmission Protocol (SPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com