Electronic Components Datasheet Search
  English  ▼

X  

MTV021 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MTV021
Description  Enhanced Super On-Screen Display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV021 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MTV021 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
MTV021 Revision 5.0 6/29/1999
MTV021
MYSON
TECHNOLOGY
3.10 Window and frame control
The display frame position is completely controlled by the contents of VERTD and HORD. The window size
and position control are specified in column 0 to 11 on row 15 of memory map, as shown in Figure 4. Window
1 has the highest priority, and window 4 is the least, when two windows are overlapping. More detailed infor-
mation is described as follows:
1. Window control registers,
ROW 15
START(END) ADDR - These addresses are used to specify the window size. It should be noted that when
the start address is greater than the end address, the window will be disabled.
WEN - Enable the window display.
WSHD - Enable shadowing on the window.
R, G, B - Specify the color of the relative background window.
2. Frame control registers,
ROW 15
VERTD - Specify the starting position for vertical display. The total steps are 256, and the increment of each
step is 4 Horizontal display lines. The initial value is 4 after power up.
HORD - Define the starting position for horizontal display. The total steps are 256, and the increment of each
step is 6 dots. The initial value is 15 after power up.
CH6-CH0 - Define the character vertical height, the height is programmable from 18 to 71 lines. The character
vertical height is at least 18 lines if the contents of CH6-CH0 is less than 18. For example, when
the contents is " 2 ", the character vertical height is regarded as equal to 20 lines. And if the con-
Column
0,3,6,OR 9
b7
b6
b5
b4
b3
b2
b1
b0
ROW START ADDR
MSB
LSB
ROW END ADDR
MSB
LSB
Column
1,4,7,OR 10
b7
b6
b5
b4
b3
b2
b1
b0
COL START ADDR
MSB
LSB
WEN
-
WSHD
Column
2,5,8,OR 11
b7
b6
b5
b4
b3
b2
b1
b0
COL END ADDR
MSB
LSB
R
G
B
Column 12
b7
b6
b5
b4
b3
b2
b1
b0
VERTD
MSB
LSB
Column 13
b7
b6
b5
b4
b3
b2
b1
b0
HORD
MSB
LSB
Column 14
b7
b6
b5
b4
b3
b2
b1
b0
-
CH6
CH5
CH4
CH3
CH2
CH1
CH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com