Electronic Components Datasheet Search
  English  ▼

X  

MTV021 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MTV021
Description  Enhanced Super On-Screen Display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV021 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MTV021 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 13Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 14Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 15Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 16Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
MTV021 Revision 5.0 6/29/1999
MTV021
MYSON
TECHNOLOGY
WW31, WW30 - Determines the shadow width of the window 3 when WSHD bit of th window 3 is enabled.
WW21, WW20 - Determines the shadow width of the window 2 when WSHD bit of th window 2 is enabled.
WW11, WW10 - Determines the shadow width of the window 1 when WSHD bit of th window 1 is enabled.
WH41, WH40 - Determines the shadow height of the window 4 when WSHD bit of th window 4 is enabled.
Please refer to the Table 7 for more details.
TABLE 7. Shadow Height Setting
WH31, WH30 - Determines the shadow height of the window 3 when WSHD bit of th window 3 is enabled.
WH21, WH20 - Determines the shadow height of the window 2 when WSHD bit of th window 2 is enabled.
WH11, WH10 - Determines the shadow height of the window 1 when WSHD bit of th window 1 is enabled.
3.11 Color encoder
The decoder generates the video output to ROUT, GOUT and BOUT by integrating window color, border
blackedge, luminance output and color selection output (R, G, B) to form the desired video outputs.
3.12 PWM D/A converter
There are 8 open-drain PWM D/A outputs (PWM0 to PWM7). These PWM D/A converter outputs pulse width
are programmable by writing data to Column 19 to 26 registers of Row 15 with 8-bit resolution to control the
pulse width duration from 0/256 to 255/256. And the sampling rate is selected by (VCO1, VCO0) shown as
table 5. In applications, all open-drain output pins should be pulled-up by external resistors to supply voltage
(5V to 9V) for desired output range.
Column 22
B7
b6
b5
b4
b3
b2
b1
b0
WH41
WH40
WH31
WH30
WH21
WH20
WH11
WH10
(WH41, WH40)
(0, 0)
(0, 1)
(1, 0)
(1, 1)
Shadow Height
(unit in Line)
2
4
6
8
Bordering
Shadowing
M Pixels
N Horizontal lines
M Pixels
N Horizontal lines
Note:
M and N are defined
by the registers of
row 15, column 21
and 22.
WINDOW AREA
FIGURE 6. Character Bordering and Shadowing and Shadowing on Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com