Electronic Components Datasheet Search
  English  ▼

X  

MTV021 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MTV021
Description  Enhanced Super On-Screen Display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV021 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTV021 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV021 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
1/17
MTV021 Revision 5.0 6/29/1999
MTV021
MYSON
TECHNOLOGY
FEATURES
GENERAL DESCRIPTION
BLOCK DIAGRAM
• Horizontal SYNC input up to 130 KHz.
• On-chip PLL circuitry up to 96 MHz.
• Programmable horizontal resolutions up to 1524 dots per
display row.
• Full-screen display consists of 15 (rows) by 30 (columns)
characters.
• 12 x 18 dot matrices per character.
• Total of 272 characters and graphic fonts, including 256
standard and 16 multi-color mask ROM fonts.
• 8 color-selectable maximum per display character.
• 7 color-selectable maximum for character background.
• Double character height and/or width control.
• Programmable positioning for display screen center.
• Bordering, shadowing and blinking effect.
• Programmable character height (18 to 71 lines) control.
• Row to row spacing register to manipulate the constant
display height.
• 4 programmable background windows with multi-level
operation and shadowing on window effect.
• Software clears bit for full-screen erasing.
• Half tone and fast blanking output.
• Fade-in/fade-out effect.
• 8-channel/8-bit PWM D/A converter output.
• Compatible with SPI bus or I2C interface with slave
address 7AH (slave address is mask option).
• 16-pin, 20-pin or 24-pin PDIP package.
Enhanced Super On-Screen Display
MTV021 is designed for monitor applications to
display built-in characters or fonts onto monitor
screens. The display operation occurs by transferring
data and control information from the micro-controller
to RAM through a serial data interface. It can execute
full-screen display automatically, as well as specific
functions such as character background color, bor-
dering, shadowing, blinking, double height and width,
font by font color control, frame positioning, frame
size control by character height and row-to-row spac-
ing, horizontal display resolution, full-screen erasing,
fade-in/fade-out effect, windowing effect and shad-
owing on window.
MTV021 provides 256 standard and 16 multi-color
characters and graphic fonts for more efficacious
applications. The full OSD menu is formed by 15
rows x 30 columns, which can be positioned any-
where on the monitor screen by changing vertical or
horizontal delay.
Moreover, MTV021 also provides 8 PWM DAC
channels with 8-bit resolution and a PWM clock out-
put for external digital-to-analog control.
SERIAL DATA
INTERFACE
ADDRESS BUS
ADMINISTRATOR
VERTICAL
DISPLAY
CONTROL
DISPLAY & ROW
CONTROL
REGISTERS
COLOUR
ENCODER
WINDOWS &
FRAME
CONTROL
LUMAR
LUMAG
LUMAB
BLINK
VCLKX
DATA
VERTD
HORD
CH
8
8
7
BSEN
SHADOW
OSDENB
HSP
VSP
HORIZONTAL
DISPLAY CONTROL
PHASE LOCK LOOP
8
DATA
LPN
CWS
VCLKS
5
DATA
CWS
CHS
8
LUMAR
LUMAG
LUMAB
BLINK
CRADDR
8
LUMA
BORDER
ARWDB
HDREN
VCLKX
HORD 8
CH
CHS
VERTD
7
8
LPN
NROW
VDREN
5
RCADDR
DADDR
FONTADDR
WINADDR
PWMADDR
5
9
9
5
5
ARWDB
HDREN
VDREN
NROW
DATA
ROW, COL
ACK
8
9
CHARACTER ROM
LUMINANCE &
BORDGER
GENERATOR
VDD
VSS
VDDA
VSSA
ROUT
GOUT
BOUT
FBKG
HTONE
HFLB
RP
VCO
VFLB
SSB
SCK
SDA
VSP
HSP
PWM D/A
CONVERTER
PWM0
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
PWM7
8
DATA
8
POWER ON
RESET
PRB


Similar Part No. - MTV021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
Microprocessor Compatible Monitor Controller
MTV003N ETC-MTV003N Datasheet
224Kb / 13P
Microprocessor Compatible Monitor Controller
MTV004 ETC-MTV004 Datasheet
88Kb / 9P
On-Screen Display Shrink Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
8051 Embedded CRT Monitor Controller OTP Version
More results

Similar Description - MTV021

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
VIDEO ON-SCREEN DISPLAY
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
On-Screen Display Controller
logo
NXP Semiconductors
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
logo
List of Unclassifed Man...
MTV018 ETC-MTV018 Datasheet
139Kb / 16P
Super On-Screen-Display
MTV016 ETC-MTV016 Datasheet
104Kb / 11P
Enhanced On-Screen-Display Controller
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
Super On-Screen-Display for LCD Monitor
logo
fujitsu semiconductor
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
On-screen Display Controller
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
Enhanced Monitor On-Screen Display
logo
NXP Semiconductors
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com