Electronic Components Datasheet Search
  English  ▼

X  

EP7212 Datasheet(PDF) 90 Page - Cirrus Logic

Part # EP7212
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7212 Datasheet(HTML) 90 Page - Cirrus Logic

Back Button EP7212 Datasheet HTML 86Page - Cirrus Logic EP7212 Datasheet HTML 87Page - Cirrus Logic EP7212 Datasheet HTML 88Page - Cirrus Logic EP7212 Datasheet HTML 89Page - Cirrus Logic EP7212 Datasheet HTML 90Page - Cirrus Logic EP7212 Datasheet HTML 91Page - Cirrus Logic EP7212 Datasheet HTML 92Page - Cirrus Logic EP7212 Datasheet HTML 93Page - Cirrus Logic EP7212 Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 136 page
background image
EP7212
90
DS474PP1
5.16.2.2
DAIDR1 DAI Data Register 1
ADDRESS: 0x8000.2080
When DAI Data Register 1 (DAIDR1) is read, the bottom entry of the Left Channel Receive FIFO is
accessed. As data is removed by the DAI’s receive logic from the incoming data frame, it is placed
into the top entry of the Left Channel Receive FIFO and is transferred down an entry at a time until it
reaches the last empty location within the FIFO. Data is removed by reading DAIDR1, which accesses
the bottom entry of the left channel FIFO. After DAIDR1 is read, the bottom entry is invalidated, and
all remaining values within the FIFO automatically transfer down one location.
When DAIDR1 is written, the top-most entry of the Left Channel Transmit FIFO is accessed. After a
write, data is automatically transferred down to the lowest location within the transmit FIFO which
does not already contain valid data. Data is removed from the bottom of the FIFO one value at a time
by the transmit logic. It is then loaded into the correct position within the 64-bit transmit serial shifter
then serially shifted out onto the SDOUT pin.
Table 52 shows DAIDR1. Note that the Transmit and Receive Left Channel FIFOs are cleared when
the device is reset, or by writing a zero to DAIEN (DAI disabled). Also, note that writes to reserved
bits are ignored and reads return zeros
.
31:16
15:0
Reserved
Bottom of Left Channel Receive FIFO
Read Access
31:16
15:0
Reserved
Top of Left Channel Transmit FIFO
Write Access
Bit
Description
0:15
LEFT CHANNEL DATA: Transmit / Receive Left Channel FIFO Data
Read — Bottom of Left Channel Receive FIFO data
Write — Top of Left Channel Transmit FIFO data
16:31
Reserved
Table 52. DAI Data Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com