Electronic Components Datasheet Search
  English  ▼

X  

EP7212 Datasheet(PDF) 39 Page - Cirrus Logic

Part # EP7212
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7212 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button EP7212 Datasheet HTML 35Page - Cirrus Logic EP7212 Datasheet HTML 36Page - Cirrus Logic EP7212 Datasheet HTML 37Page - Cirrus Logic EP7212 Datasheet HTML 38Page - Cirrus Logic EP7212 Datasheet HTML 39Page - Cirrus Logic EP7212 Datasheet HTML 40Page - Cirrus Logic EP7212 Datasheet HTML 41Page - Cirrus Logic EP7212 Datasheet HTML 42Page - Cirrus Logic EP7212 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
EP7212
DS474PP1
39
3.13.1
Codec Sound Interface
The codec interface allows direct connection of a
telephony type codec to the EP7212. It provides all
the necessary clocks and timing pulses. It also per-
forms a parallel to serial conversion or vice versa
on the data stream to or from the external codec de-
vice. The interface is full duplex and contains two
separate data FIFOs (16 deep by 8-bits wide, one
for the receive data, another for the transmit data).
Data is transferred to or from the codec at
64 kbits/s. The data is either written to or read from
the appropriate 16-byte FIFO. If enabled, a codec
interrupt (CSINT) will be generated after every
8 bytes are transferred (FIFO half full/empty). This
means the interrupt rate will be every 1 msec, with
a latency of 1 msec.
Transmit and receive modes are enabled by assert-
ing high both the CDENRX and CDENTX codec
enable bits in the SYSCON1 register.
NOTE:
Both the CDENRX and CDENTX enable bits
should be asserted in tandem for data to be
transmitted or received. The reason for this
is that the interrupt generation will occur
1 msec after one of the FIFOs is enabled.
For example: If the receive FIFO gets
enabled first and the transmit FIFO at a later
time, the interrupt will occur 1 msec after the
receive FIFO is enabled. After the first inter-
rupt occurs, the receive FIFO will be half full.
However, it will not be possible to know how
full the transmit FIFO will be since it was
enabled at a later time. Thus, it is possible to
unintentionally overwrite data already in the
transmit FIFO (See Figure 6).
After the CDENRX and CDENTX enable bits get
asserted, the corresponding FIFOs become en-
abled. When both FIFOs are disabled, the FIFO sta-
Type
Comments
Referred To As
Max. Transfer Speed
SPI / Microwire 1
Master mode only
ADC Interface
128 kbits/s
SPI / Microwire 2
Master / slave mode
SSI2 Interface
512 kbits/s
DAI Interface
CD quality DACs and ADCs
DAI Interface
1.536 Mbits/s
Codec Interface
Only for use in the PLL clock mode
Codec Interface
64 kbits/s
Table 21. Serial Interface Options
Pin
No.
LQFP
External
Pin Name
SSI2
Slave Mode
(Internal Name)
SSI2
Master Mode
Codec
Internal Name
DAI
Internal Name
Strength
63
SSICLK
SSICLK = serial bit
clock; Input
Output
PCMCLK =
Output
SCLK =
Output
1
65
SSITXFR
SSKTXFR = TX
frame sync; Input
Output
PCMSYNC = Output
LRCK = Output
1
66
SSITXDA
SSITXDA = TX
data; Output
Output
PCMOUT = Output
SDOUT = Output
1
67
SSIRXDA
SSIRXDA = RX
data; Input
Input
PCMIN = Input
SDIN = Input
68
SSIRXFR
SSIRXFR = RX
frame sync; Input
Output
p/u
(use a 10k pull-up)
MCLK
1
Table 22. Serial-Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com