Electronic Components Datasheet Search
  English  ▼

X  

EP7212 Datasheet(PDF) 21 Page - Cirrus Logic

Part # EP7212
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7212 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button EP7212 Datasheet HTML 17Page - Cirrus Logic EP7212 Datasheet HTML 18Page - Cirrus Logic EP7212 Datasheet HTML 19Page - Cirrus Logic EP7212 Datasheet HTML 20Page - Cirrus Logic EP7212 Datasheet HTML 21Page - Cirrus Logic EP7212 Datasheet HTML 22Page - Cirrus Logic EP7212 Datasheet HTML 23Page - Cirrus Logic EP7212 Datasheet HTML 24Page - Cirrus Logic EP7212 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
EP7212
DS474PP1
21
3.2
State Control
The EP7212 supports the following Power Man-
agement States: Operating, Idle, and Standby (see
Figure 3). The normal program execution state is
the Operating State; this is a full performance state
where all of the clocks and peripheral logic are en-
abled. The Idle State is the same as the Operating
State with the exception of the CPU clock being
halted, and an interrupt or wakeup will return it
back to the Operating State. The Standby State has
the lowest power consumption of the three states.
By selecting this mode the main oscillator shuts
down, leaving only the Real Time Clock and its as-
sociated logic powered. It is important when the
EP7212 is in Standby that all power and ground
pins remain connected to power and ground in or-
der to have a proper system wake-up. The only
state that Standby can transition to is the Operating
State.
In the description below, the RUN/CLKEN pin can
be used either for the RUN functionality, or the
CLKEN functionality to allow an external oscilla-
tor to be disabled in the 13 MHz mode. Either RUN
or CLKEN functionality can be selected according
to the state of the CLKENSL bit in the SYSCON2
register. Table 7 on the following page shows pe-
ripheral status in various power management
states.
3.2.1
Standby State
The Standby State equates to the system being
switched "off" (i.e., no display, and the main oscil-
lator is shut down). When the 18.432–73.72 MHz
mode is selected, the PLL will be shut down. In the
13 MHz mode, if the CLKENSL bit is set low, then
the CLKEN signal will be forced low and can, if re-
quired, be used to disable an external oscillator.
In the Standby State, all the system memory and
state is maintained and the system time is kept up-
to-date. The PLL/on-chip oscillator or external os-
cillator is disabled and the system is static, except
for the low power watch crystal (32 kHz) oscillator
and divider chain to the RTC and LED flasher. The
RUN signal is driven low, therefore this signal can
be used externally in the system to power down
other system modules.
Whenever the EP7212 is in the Standby State, the
external address and data buses are forced low in-
ternally by the RUN signal. This is done to prevent
peripherals that are powered down from draining
current. Also, the internal peripheral’s signals get
set to their Reset State.
When first powered, or reset by the nPOR (Power
On Reset, active low) signal, the EP7212 is forced
into the Standby State. This is known as a cold re-
set, and when leaving the Standby State after a cold
reset, external wake up is the only way to wake up
the device. When leaving the Standby State after
non-cold reset conditions (i.e., the software has
forced the device into the Standby State), the tran-
sition to the Operating State can be caused by a ris-
ing edge on the WAKEUP input signal or by an
enabled interrupt. Normally, when entering the
Standby State from the Operating State, the soft-
ware will leave some interrupt sources enabled.
NOTE:
The CPU cannot be awakened by the TINT,
WEINT, and BLINT interrupts when in the
Standby State.
Typically, software writes to the Standby internal
memory location to cause the transition from the
Figure 3. State Diagram
Standby
Operating
Idle
Interrupt or rising wakeup
Write to standby location,
power fail, or user reset
In
te
rr
up
t
Write to halt location
nPOR, power fail,
or user reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com