Electronic Components Datasheet Search
  English  ▼

X  

EP7212 Datasheet(PDF) 49 Page - Cirrus Logic

Part # EP7212
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7212 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button EP7212 Datasheet HTML 45Page - Cirrus Logic EP7212 Datasheet HTML 46Page - Cirrus Logic EP7212 Datasheet HTML 47Page - Cirrus Logic EP7212 Datasheet HTML 48Page - Cirrus Logic EP7212 Datasheet HTML 49Page - Cirrus Logic EP7212 Datasheet HTML 50Page - Cirrus Logic EP7212 Datasheet HTML 51Page - Cirrus Logic EP7212 Datasheet HTML 52Page - Cirrus Logic EP7212 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
EP7212
DS474PP1
49
3.16
Real Time Clock
The EP7212 contains a 32-bit Real Time Clock
(RTC). This can be written to and read from in the
same way as the timer counters, but it is 32 bits
wide. The RTC is always clocked at 1 Hz, generat-
ed from the 32.768 kHz oscillator. It also contains
a 32-bit output match register, this can be pro-
grammed to generate an interrupt when the time in
the RTC matches a specific time written to this reg-
ister. The RTC can only be reset by an nPOR cold
reset. Because the RTC data register is updated
from the 1 Hz clock derived from the 32 kHz
source, which is asynchronous to the main memory
system clock, the data register should always be
read twice to ensure a valid and stable reading. This
also applies when reading back the RTCDIV field
of the SYSCON1 register, which reflects the status
of the six LSBs of the RTC counter.
3.16.1
Characteristics of the Real Time
Clock Interface
When connecting a crystal to the RTC interface
pins (i.e., RTCIN and RTCOUT), the crystal and
circuit should conform to the following require-
ments:
•
The 32.768 kHz frequency should be created
by the crystals fundamental tone (i.e., it should
be a fundamental mode crystal)
•
A start-up resistor is not necessary, since one is
provided internally.
•
Start-up loading capacitors may be placed on
each side of the external crystal and ground.
Their value should be in the range of 10 pF.
However, their values should be selected based
upon the crystal specifications. The total sum of
the capacitance of the traces between the
EP7212’s clock pins, the capacitors, and the
crystal leads should be subtracted from the
crystal’s specifications when determining the
values for the loading capacitors.
•
The crystal should have a maximum 5 ppm fre-
quency drift over the chip’s operating tempera-
ture range.
•
The voltage for the crystal must be 2.5 V + 0.2 V.
Alternatively, a digital clock source can be used to
drive the RTCIN pin of the EP7212. With this ap-
proach, the voltage levels of the clock source
should match that of the VDD supply for the
EP7212’s pads (i.e., the supply voltage level used
to drive all of the non-VDD core pins on the
EP7212) (i.e., RTCOUT). The output clock pin
should be left floating.
3.17
Dedicated LED Flasher
The LED flasher feature enables an external pin
(PD[0] / LEDFLSH) to be toggled at a programma-
ble rate and duty ratio, with the intention that the
external pin is connected to an LED. This module
is driven from the RTCs 32.768 kHz oscillator and
works in all running modes because no CPU inter-
vention is needed once its rate and duty ratio have
been configured (via the LEDFLSH register). The
LED flash rate period can be programmed for 1, 2,
3, or 4 seconds. The duty ratio can be programmed
such that the mark portion can be 1/16, 2/16…
16/16 of the full cycle. The external pin can provide
up to 4 mA of drive current.
3.18
Two PWM Interfaces
Two Pulse Width Modulator (PWM) duty ratio
clock outputs are provided by the EP7212. When
the device is operating from the internal PLL, the
PWM will run at a frequency of 96 kHz. These sig-
nals are intended for use as drives for external DC-
to-DC converters in the Power Supply Unit (PSU)
subsystem. External input pins that would normally
be connected to the output from comparators mon-
itoring the external DC-to-DC converter output are
also used to enable these clocks. These are the
FB[0:1] pins. The duty ratio (and hence PWMs on
time) can be programmed from 1 in 16 to 15 in 16.
The sense of the PWM drive signal (active high or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com