| Electronic Components Datasheet Search |
|
EP7212 Datasheet(PDF) 3 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
EP7212 Datasheet(HTML) 3 Page - Cirrus Logic |
|
3 / 136 page ![]() EP7212 Low-Power System-on-Chip with LCD Controller and Digital Audio Interface 3 DS474PP1 OVERVIEW (cont.) all system cost. The on-chip boot ROM can be used in product manufacturing to serially download system code into system FLASH memory. To further mini- mize system memory requirements and cost, the ARM Thumb instruction set is supported, providing for the use of high-speed 32-bit operations in 16-bit op-codes and yielding industry-leading code density. The second is the programmable 16- or 32-bit-wide DRAM interface that allows direct connection of up to two banks of DRAM, each bank containing up to 256 Mbytes. To assure the lowest possible power con- sumption, the EP7212 supports self-refresh DRAMs, which are placed in a low-power state by the device when it enters the low-power Standby State. EDO and Fast Page DRAM are supported. A DMA address generator is also provided that fetches video display data for the LCD controller from main DRAM memory. The display frame buffer start address is programmable. In addition, the built-in LCD controller can utilize external or internal SRAM for memory, thus eliminating the need for DRAMs. Digital Audio Capability The EP7212 uses its powerful 32-bit RISC process- ing engine to implement audio decompression algo- rithms in software. The nature of the on-board RISC processor and the availability of efficient C-compilers and other software development tools, ensures that a wide range of audio decompression algorithms can easily be ported to and run on the EP7212. Serial Interfaces The EP7212 includes two 16550-type UARTs for RS- 232 serial communications, both of which have two 16-byte FIFOs for receiving and transmitting data. The UARTs support bit rates up to 115.2 kbps. An IrDA SIR protocol encoder / decoder can be option- ally switched into the RX / TX signals to / from one of the UARTs to enable these signals to drive an infrared communication interface directly. Digital Audio Interface (DAI) The EP7212 integrates an interface to enable a direct connection to many low cost, low power, high quality audio converters. In particular, the DAI can directly interface with the Crystal CS43L41 / 42 / 43 low- power audio DACs and the Crystal CS53L32 low- power ADC. Some of these devices feature digital bass and treble boost, digital volume control and compressor-limiter functions. Packaging The EP7212 is available in a 208-pin LQFP package and a 256-ball PBGA package. System Design As shown in system block diagram, simply adding desired memory and peripherals to the highly integrated EP7212 completes a low-power system solution. All necessary interface logic is integrated on-chip. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |