Electronic Components Datasheet Search
  English  ▼

X  

PC87310 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 44Page - National Semiconductor (TI) PC87310 Datasheet HTML 45Page - National Semiconductor (TI) PC87310 Datasheet HTML 46Page - National Semiconductor (TI) PC87310 Datasheet HTML 47Page - National Semiconductor (TI) PC87310 Datasheet HTML 48Page - National Semiconductor (TI) PC87310 Datasheet HTML 49Page - National Semiconductor (TI) PC87310 Datasheet HTML 50Page - National Semiconductor (TI) PC87310 Datasheet HTML 51Page - National Semiconductor (TI) PC87310 Datasheet HTML 52Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
70 AC Electrical Characteristics TA e 0 Cto a70 C VDD ea5V g10% (Continued)
DRIVE WRITE TIMING
Symbol
Parameter
Conditions
Min
Max
Units
tWD
Write Data Pulse Width
250 kbs (MFM)
500
ns
300 kbs (MFM)
416
ns
500 kbs (MFM)
250
ns
1000 kbs(MFM)
225
ns
tHDS
Head Select Setup to Write Gate Assertion
40
m
s
tHDH
Head Select Hold from Write Gate
12
m
s
Note 1
Whenever WGATE is asserted the WDATA line is active At the end of each write one dummy byte is written before WGATE is deasserted
TLC10591 – 30
DRIVE TRACK ACCESS TIMING
Symbol
Parameter
Min
Max
Units
tDH
Direction Hold from End of Step
1 Step Time
tDRV
Drive Select or Motor Time from Write Strobe
100
ns
tDST
Direction Setup prior to Step
6
m
s
tIW
Index Pulse Width
100
ns
tSTP
Step Pulse Width
8
m
s
TLC10591 – 31
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com