Electronic Components Datasheet Search
  English  ▼

X  

CAM35C44 Datasheet(PDF) 17 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 13Page - SMSC Corporation CAM35C44 Datasheet HTML 14Page - SMSC Corporation CAM35C44 Datasheet HTML 15Page - SMSC Corporation CAM35C44 Datasheet HTML 16Page - SMSC Corporation CAM35C44 Datasheet HTML 17Page - SMSC Corporation CAM35C44 Datasheet HTML 18Page - SMSC Corporation CAM35C44 Datasheet HTML 19Page - SMSC Corporation CAM35C44 Datasheet HTML 20Page - SMSC Corporation CAM35C44 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
17
Multiplexed Addressing
When multiplexed address modes are selected,
i.e. HS[1:0] = 02H or 03H (TABLE 3), register
addresses are decoded from the Multiplexed
Address/Data Bus AD[7:0], the Block Select bits
BS[2:0] and the chip select nCS pin.
In the multiplexed addressing modes the 5 low-
order bits of the Multiplexed Address/Data Bus
AD[4:0] determine the register address while the
Block
Select
bits
BS[2:0]
qualify
the
three high-order Multiplexed Address/Data Bus
bits, AD[7:5]; i.e., BS[2:0] decodes which of eight
32-byte blocks is selected in the 256-byte page
decoded by nCS. Note: page address decoding
must be done externally.
For example, TABLE 10 illustrates that if BS[2:0]
= 01H, nCS = 0 (active), and AD[7:0] = 20H, the
Index Register in the Configuration Bank has
been selected.
Two extra GPIO pins GPIO[4:3] are available in
the multiplexed address modes.
TABLE 10 - EXAMPLE MULTIPLEXED ADDRESS DECODING
256-BYTE
ADDRESS
PAGE
32-BYTE ADDRESS
BLOCK
MULTIPLEX
ADDR/DATA BUS
DESCRIPTION
nCS
BS2
BS1
BS0
AD[7:0]
1
0
0
1
XXH
No Decode: Invalid Page
0
0
0
1
20H
Decode Configuration Bank Index
Register (TABLE 12)
0
0
0
1
00H
No Decode: Invalid Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com