Electronic Components Datasheet Search
  English  ▼

X  

CAM35C44 Datasheet(PDF) 42 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 42 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 38Page - SMSC Corporation CAM35C44 Datasheet HTML 39Page - SMSC Corporation CAM35C44 Datasheet HTML 40Page - SMSC Corporation CAM35C44 Datasheet HTML 41Page - SMSC Corporation CAM35C44 Datasheet HTML 42Page - SMSC Corporation CAM35C44 Datasheet HTML 43Page - SMSC Corporation CAM35C44 Datasheet HTML 44Page - SMSC Corporation CAM35C44 Datasheet HTML 45Page - SMSC Corporation CAM35C44 Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
42
Write Cycle Timing (Multiplexed)
TABLE 39 - WRITE CYCLE TIMING PARAMETERS (MULTIPLEXED ADDRESS AND DATA)
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Address Strobe Setup Time
30
ns
t2
Address Strobe Hold Time
8
15
ns
t3
Write Pulse Width
85
ns
t4
Data Valid to Write Pulse Inactive
30
ns
t5
Chip Select Active to Write Pulse Active
15
ns
t6
Data Hold Time
5
ns
t7
Address Strobe Inactive to nCS Active
0
5
ns
t8
Address Strobe Pulse Width
23
ns
t9
Note 1
Write Pulse Active to Address Strobe Inactive
15
ns
t10
Address Strobe Inactive to Write Pulse Active
10
Note 1: Chip select must be latched internally and released when write pulse goes inactive.
t3
t3
t7
t9
t8
t1
t5
t10
t4
t2
t6
Address
Data
nCS
ASTRB
nWR
AD[8:0]
FIGURE 13 - WRITE CYCLE (MULTIPLEXED ADDRESS AND DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com