Electronic Components Datasheet Search
  English  ▼

X  

CAM35C44 Datasheet(PDF) 30 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 26Page - SMSC Corporation CAM35C44 Datasheet HTML 27Page - SMSC Corporation CAM35C44 Datasheet HTML 28Page - SMSC Corporation CAM35C44 Datasheet HTML 29Page - SMSC Corporation CAM35C44 Datasheet HTML 30Page - SMSC Corporation CAM35C44 Datasheet HTML 31Page - SMSC Corporation CAM35C44 Datasheet HTML 32Page - SMSC Corporation CAM35C44 Datasheet HTML 33Page - SMSC Corporation CAM35C44 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
30
INFRARED INTERFACE
The CAM35C44 infrared interface can support
various
infrared
protocols
and
transceiver
configurations. For more information consult the
SMSC Infrared Communication Controller (IrCC
2.0) specification.
IrDA SIR/FIR
IrDA SIR (v1.0) specifies asynchronous serial
communication at baud rates up to 115.2kbps.
Each byte is sent serially LSB first beginning
with a zero value start bit. A zero is signaled by
sending a single infrared pulse at the beginning
of the serial bit time. A one is signaled by the
absence of an infrared pulse during the bit time.
IrDA FIR (v1.1) includes IrDA v1.0 SIR and
additionally
specifies
synchronous
serial
communications at data rates up to 4Mbps.
Data is transferred LSB first in packets that can
be up to 2048 bits in length. IrDA v1.1 includes
.576Mbps and 1.152Mbps data rates using an
encoding scheme that is similar to SIR.
The
4Mbps
data
rate
uses
a
pulse
position
modulation (PPM) technique.
ASKIR
The
ASKIR
infrared
protocol
allows
asynchronous
amplitude
shift
keyed
serial
communication at baud rates up to 19.2kbps.
Each byte is sent serially LSB first beginning
with a zero value start bit. A zero is signaled by
sending a 500kHz carrier waveform for the
duration of the serial bit time. A one is signaled
by the absence of carrier during the bit time.
Consumer IR
The CAM35C44 Consumer IR interface is a
general-purpose synchronous amplitude shift
keyed
encoder/decoder
with
programmable
carrier and bit-cell rates that can emulate many
popular TV Remote encoding formats; including,
38kHz PPM, PWM and RC-5. Each bit is sent
serially LSB first.
The carrier frequency is
programmable from 1.6MHz to 6.25kHz.
The
bit-cell rate range is 100kHz to 390Hz.
Hardware Interface
The CAM35C44 IR hardware interface is shown
in FIGURE 6. This interface supports two types
of IR transceiver modules. One interface type
requires a mode pin (IR Mode) to select the data
rate, while the other interface type requires a
second Rx data pin (IRRX3).
The transceiver
interface type is selected with the HPMODE bit
D0 in CR03 as shown in TABLE 27 (see section
HPMODE, Bit 0 on page 25).
TABLE 27 - TRANSCEIVER MODULE INTERFACE TYPE SELECT
HP MODE (CR03.0)
FUNCTION
0
IR Mode
1
IRRX3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com