Electronic Components Datasheet Search
  English  ▼

X  

CAM35C44 Datasheet(PDF) 10 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 6Page - SMSC Corporation CAM35C44 Datasheet HTML 7Page - SMSC Corporation CAM35C44 Datasheet HTML 8Page - SMSC Corporation CAM35C44 Datasheet HTML 9Page - SMSC Corporation CAM35C44 Datasheet HTML 10Page - SMSC Corporation CAM35C44 Datasheet HTML 11Page - SMSC Corporation CAM35C44 Datasheet HTML 12Page - SMSC Corporation CAM35C44 Datasheet HTML 13Page - SMSC Corporation CAM35C44 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
NAME
TOTAL
PINS
SYMBOL
BUFFER
TYPE
DESCRIPTION
Power Good
1
PWRGD
IP
This active high input indicates
that the positive supply voltage
VCC is valid. For normal device
operation, PWRGD must be
active. When PWRGD is inactive,
all device inputs are disconnected
and placed into a low power state;
all outputs are put into a high-
impedance state. Note: The
crystal oscillator pins are
unaffected by PWRGD. The
contents of all registers are
preserved as long as VCC has a
valid value. Output driver current
drain when PWRGD is inactive
drops to ISTDBY - standby current.
The PWRGD input has an internal
30
#A pull-up.
No Connect
4
N/C
-
No internal connections are made
to these pins.
INFRARED INTERFACE (3)
Infrared Rx
3
1
IRRX
I
This is the infrared port receiver
input pin.
Infrared Tx
1,2
1
IRTX
O12PD
This is the infrared port transmitter
output pin.
Infrared Mode/IRRX3
1
1
IRMODE/IRRX3
O12/I
This is the infrared port secondary
receiver input channel or a
transceiver mode control pin,
depending on the state of the
transceiver module interface type
select (TABLE 27).
POWER PINS (6)
+3.3V Digital Supply
Voltage
2
VCC
Positive Supply Voltage
I/O Interface Supply
Voltage
1
1
VIO
Positive I/O Interface Supply
Voltage
Ground
3
VSS
Ground Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com