Electronic Components Datasheet Search
  English  ▼

X  

BD6971FS Datasheet(PDF) 10 Page - Rohm

Part # BD6971FS
Description  Multifunction Single-phase Full-wave
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6971FS Datasheet(HTML) 10 Page - Rohm

Back Button BD6971FS Datasheet HTML 6Page - Rohm BD6971FS Datasheet HTML 7Page - Rohm BD6971FS Datasheet HTML 8Page - Rohm BD6971FS Datasheet HTML 9Page - Rohm BD6971FS Datasheet HTML 10Page - Rohm BD6971FS Datasheet HTML 11Page - Rohm BD6971FS Datasheet HTML 12Page - Rohm BD6971FS Datasheet HTML 13Page - Rohm BD6971FS Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/12
Datasheet
Datasheet
BD6971FS
TSZ02201-0H1H0B100160-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
28.JUL.2012 Rev.002
www.rohm.com
TSZ22111・15・001
●Power dissipation
Power dissipation (total loss) indicates the power that can be consumed by IC at Ta=25°C (normal temperature). IC is
heated when it consumes power, and the temperature of IC chip becomes higher than ambient temperature. The
temperature that can be accepted by IC chip depends on circuit configuration, manufacturing process, etc, and consumable
power is limited. Power dissipation is determined by the temperature allowed in IC chip (maximum junction temperature)
and thermal resistance of package (heat dissipation capability). The maximum junction temperature is in general equal to
the maximum value in the storage temperature range.
Heat generated by consumed power of IC is radiated from the mold resin or lead frame of package. The parameter which
indicates this heat dissipation capability (hardness of heat release) is called heat resistance, represented by the symbol
θja[°C/W]. This heat resistance can estimate the temperature of IC inside the package. Fig.25 shows the model of heat
resistance of the package. Heat resistance
θja, ambient temperature Ta, junction temperature Tj, and power consumption P
can be calculated by the equation below:
Thermal de-rating curve indicates power that can be consumed by IC with reference to ambient temperature. Power that
can be consumed by IC begins to attenuate at certain ambient temperature. This gradient is determined by thermal
resistance
θja. Thermal resistance θja depends on chip size, power consumption, package ambient temperature, packaging
condition, wind velocity, etc., even when the same package is used. Thermal de-rating curve indicates a reference value
measured at a specified condition. Fig.26 shows a thermal de-rating curve (Value when mounting FR4 glass epoxy board
70[mm] x 70[mm] x 1.6[mm] (copper foil area below 3[%])). Thermal resistance
θjc from IC chip joint part to the package
surface part of mounting the above-mentioned same substrate is shown in the following as a reference value.
*Reduce by 6.5mW/°C over 25°C
(On 70.0mm x 70.0mm x 1.6mm glass epoxy board)
●I/O equivalence circuit(Resistance values are typical)
1) Power supply terminal,
2) Hall input terminals,
3) Minimum output duty setting
4) Motor output terminals,
and Ground terminal
Output duty controllable input
terminal
and Output current
terminal,
detecting resistor
and Output current detection
connecting terminal
terminal
5) Reference voltage output
6) Speed pulse signal output
7) Oscillating capacitor connecting
terminal,
terminal
terminal
and Hall bias terminal
OSC
Vcc
1k
Ω
Vcc
1k
Ω
500
750
Pd[mW]
0
25
50
75
100
125
150
Ta[°C]
250
812.5
θja=153.8 [°C/W]
θja = (Tj – Ta) / P [°C/W]
θjc = (Tj – Tc) / P [°C/W]
Fig.25 Thermal resistance
Fig.26 Thermal de-rating curve
θja = (Tj – Ta) / P [°C/W]
θjc = 43 [°C/W] (reference value)
Chip surface temperature Tj[°C]
Package surface temperature Tc[°C]
Power consumption P[W]
Ambient temperature Ta[°C]
TH
1k
Ω
H+
H–
CS
Vcc
10
Ω
FG
Vcc
OUT1
OUT2
RNF
Vcc
GND
REF
46k
Ω
Vcc
HB
46k
Ω
Vcc
MIN
1k
Ω
Vcc
30
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com