Electronic Components Datasheet Search
  English  ▼

X  

BD6971FS Datasheet(PDF) 4 Page - Rohm

Part # BD6971FS
Description  Multifunction Single-phase Full-wave
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6971FS Datasheet(HTML) 4 Page - Rohm

  BD6971FS Datasheet HTML 1Page - Rohm BD6971FS Datasheet HTML 2Page - Rohm BD6971FS Datasheet HTML 3Page - Rohm BD6971FS Datasheet HTML 4Page - Rohm BD6971FS Datasheet HTML 5Page - Rohm BD6971FS Datasheet HTML 6Page - Rohm BD6971FS Datasheet HTML 7Page - Rohm BD6971FS Datasheet HTML 8Page - Rohm BD6971FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/12
Datasheet
Datasheet
BD6971FS
TSZ02201-0H1H0B100160-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
28.JUL.2012 Rev.002
www.rohm.com
TSZ22111・15・001
●Typical performance curves(Reference data)
0
2
4
6
8
10
0
5
10
15
20
Supply voltage: Vcc[V]
Fig.3 Circuit current
Operating range
100°C
25°C
–40°C
-20
-10
0
10
20
0
5
10
15
20
Supply voltage: Vcc[V]
Fig.4 Hall input hysteresis voltage
Operating range
100°C
25°C
–40°C
100°C
25°C
–40°C
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.0
0.2
0.4
0.6
0.8
1.0
Output source current: Io[A]
Fig.5 Output high voltage (Vcc=12V)
100°C
25°C
–40°C
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.0
0.2
0.4
0.6
0.8
1.0
Output source current: Io[A]
Fig.6 Output high voltage (Ta=25°C)
17V
12V
3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com