Electronic Components Datasheet Search
  English  ▼

X  

BD6971FS Datasheet(PDF) 3 Page - Rohm

Part # BD6971FS
Description  Multifunction Single-phase Full-wave
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6971FS Datasheet(HTML) 3 Page - Rohm

  BD6971FS Datasheet HTML 1Page - Rohm BD6971FS Datasheet HTML 2Page - Rohm BD6971FS Datasheet HTML 3Page - Rohm BD6971FS Datasheet HTML 4Page - Rohm BD6971FS Datasheet HTML 5Page - Rohm BD6971FS Datasheet HTML 6Page - Rohm BD6971FS Datasheet HTML 7Page - Rohm BD6971FS Datasheet HTML 8Page - Rohm BD6971FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/12
Datasheet
Datasheet
BD6971FS
TSZ02201-0H1H0B100160-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
28.JUL.2012 Rev.002
www.rohm.com
TSZ22111・15・001
●Electrical characteristics(Unless otherwise specified Ta=25°C, Vcc=12V)
Limit
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Ref.
data
Circuit current
Icc
3
5
8
mA
Fig.3
Hall input hysteresis + voltage
Vhys+
4
9
16
mV
Fig.4
Hall input hysteresis – voltage
Vhys–
–18
–13
–8
mV
Fig.4
Output voltage
Vo
-
0.6
0.9
V
Io=±200mA,
High and low side total
Fig.5 to 8
Lock detection ON time
Ton
0.3
0.5
0.7
s
Fig.9
Lock detection OFF time
Toff
3.0
5.0
7.0
s
Fig.10
FG output low voltage
Vfgl
-
0.15
0.30
V
Ifg=2mA
Fig.11, 12
FG output leak current
Ifgl
-
-
10
µA
Vfg=17V
Fig.13
OSC high voltage
Vosch
2.3
2.5
2.7
V
Fig.14
OSC low voltage
Voscl
0.8
1.0
1.2
V
Fig.14
OSC charge current
Icosc
–16
–8
–4
µA
Fig.15
OSC discharge current
Idosc
4
8
16
µA
Fig.15
Output ON duty 1
Poh1
75
80
85
%
Vth=Vref x 0.222
Output 1k
Ω, OSC=100pF
-
Output ON duty 2
Poh2
45
50
55
%
Vth=Vref x 0.294
Output 1k
Ω, OSC=100pF
-
Output ON duty 3
Poh3
15
20
25
%
Vth=Vref x 0.367
Output 1k
Ω, OSC=100pF
-
Reference voltage
Vref
5.8
6.0
6.2
V
Iref=–2mA
Fig.16, 17
Hall bias voltage 1
Vhb1
1.10
1.30
1.50
V
Ihb=–2mA
Fig.18, 19
Hall bias voltage 2
Vhb2
1.05
1.25
1.48
V
Ihb=–10mA
Fig.19
Current limit setting voltage
Vcl
280
310
340
mV
Fig.20
TH input bias current
Ith
-
-
–0.2
µA
Vth=0V
Fig.21
MIN input bias current
Imin
-
-
–0.2
µA
Vmin=0V
Fig.22
CS input bias current
Ics
-
-
–0.2
µA
Vcs=0V
Fig.23
About a current item, define the inflow current to IC as a positive notation, and the outflow current from IC as a negative notation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com