Electronic Components Datasheet Search
  English  ▼

X  

BD6971FS Datasheet(PDF) 9 Page - Rohm

Part # BD6971FS
Description  Multifunction Single-phase Full-wave
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6971FS Datasheet(HTML) 9 Page - Rohm

Back Button BD6971FS Datasheet HTML 5Page - Rohm BD6971FS Datasheet HTML 6Page - Rohm BD6971FS Datasheet HTML 7Page - Rohm BD6971FS Datasheet HTML 8Page - Rohm BD6971FS Datasheet HTML 9Page - Rohm BD6971FS Datasheet HTML 10Page - Rohm BD6971FS Datasheet HTML 11Page - Rohm BD6971FS Datasheet HTML 12Page - Rohm BD6971FS Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9/12
Datasheet
Datasheet
BD6971FS
TSZ02201-0H1H0B100160-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
28.JUL.2012 Rev.002
www.rohm.com
TSZ22111・15・001
●Typical performance curves(Reference data)
●Application circuit example(Constant values are for reference)
Substrate design note
a) IC power, motor outputs, and motor ground lines are made as fat as possible.
b) IC ground (signal ground) line is common with the application ground except motor ground (i.e. hall ground etc.),
and arranged near to (–) land.
c) The bypass capacitor and/or Zenner diode are arrangement near to Vcc terminal.
d) H+ and H– lines are arranged side by side and made from the hall element to IC as shorter as possible,
because it is easy for the noise to influence the hall lines.
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0
5
10
15
20
Supply voltage: Vcc[V]
Fig.23 CS bias current
Operating range
100°C
25°C
–40°C
Fig.24 PWM controllable 4 wires type motor application circuit
Protection of FG open-drain
Hall bias is set according to the
amplitude of hall element
output and hall input voltage
range.
To limit motor current, the
current is detected.
Note the power consumption of
detection resistance.
Stabilization of REF voltage
Low-pass filter for RNF voltage
smoothing
Circuit that converts PWM duty
into DC voltage
Noise measures of substrate
Minimum output duty setting
Output PWM frequency setting
Maximum output voltage and
current are 20V and 1.0A.
So bypass capacitor,
arrangement near to Vcc
terminal as much as possible
Measure against back EMF
+
PWM
-
M
0.33
Ω to
0.1µF to
1µF to
SIG
H
200
Ω
to 20k
Ω
100pF
to 0.01µF
0
Ω to
0
Ω to
47pF
to 220pF
OSC
MIN
TH
CURRENT
LIMIT COMP
Vcl
REF
HB
OUT2
H+
H–
FG
OUT1
Vcc
CS
GND
TSD
HALL
BIAS
SIGNAL
OUTPUT
CONTROL
LOGIC
OSC
REF
QUICK
START
RNF
PRE-
DRIVER
1
2
3
4
5
15
7
8
PWM
COMP
PWM
COMP
HALL
AMP
HALL
COMP
PWM SOFT
SWITCHING
LOCK
PROTECT
N.C.
6
N.C.
16
14
13
12
11
9
10
Reverse-connected prevention
of the FAN connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com