Electronic Components Datasheet Search
  English  ▼

X  

BD6971FS Datasheet(PDF) 1 Page - Rohm

Part # BD6971FS
Description  Multifunction Single-phase Full-wave
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6971FS Datasheet(HTML) 1 Page - Rohm

  BD6971FS Datasheet HTML 1Page - Rohm BD6971FS Datasheet HTML 2Page - Rohm BD6971FS Datasheet HTML 3Page - Rohm BD6971FS Datasheet HTML 4Page - Rohm BD6971FS Datasheet HTML 5Page - Rohm BD6971FS Datasheet HTML 6Page - Rohm BD6971FS Datasheet HTML 7Page - Rohm BD6971FS Datasheet HTML 8Page - Rohm BD6971FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/12
TSZ02201-0H1H0B100160-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
28.JUL.2012 Rev.002
www.rohm.com
TSZ22111・14・001
Datasheet
DC Brushless Fan Motor Drivers
Multifunction Single-phase Full-wave
Fan Motor Driver
BD6971FS
●General description
BD6971FS is a 1chip driver that composes H-bridge of
power DMOS FET.
Moreover, it is possible to correspond to 5V class motor
because it starts from 3.5V.
●Features
Driver including power DMOS FET
Speed controllable by DC / direct PWM input
PWM soft switching
Quick start
Current limit
Lock protection and automatic restart
Rotation speed pulse signal (FG) output
●Package
W (Typ.) x D (Typ.) x H (Max.)
SSOP-A16
6.60mm x 6.20mm x 1.71mm
●Application
Fan motors for general consumer equipment of desktop PC, and Projector, etc.
●Absolute maximum ratings
Parameter
Symbol
Limit
Unit
Supply voltage
Vcc
20
V
Power dissipation
Pd
812.5
*1
mW
Operating temperature range
Topr
–40 to +100
°C
Storage temperature range
Tstg
–55 to +150
°C
Output voltage
Vo
20
V
Output current
Io
1.0
*2
A
Rotation speed pulse signal (FG) output voltage
Vfg
20
V
Rotation speed pulse signal (FG) output current
Ifg
10
mA
Reference voltage (REF) output current
Iref
5
mA
Hall bias (HB) output current 1
Ihb1
5
mA
Hall bias (HB) output current 2
Ihb2
10
*3
mA
Input voltage (H+, H–, TH, MIN, CS)
Vin
7
V
Junction temperature
Tj
150
°C
*1
Reduce by 6.5mW/°C over Ta=25°C. (On 70.0mm×70.0mm×1.6mm glass epoxy board)
*2
This value is not to exceed Pd.
*3
The condition of Ta=25°C and Vcc=12V
●Recommended operating conditions
Parameter
Symbol
Limit
Unit
Operating supply voltage range
Vcc
3.5 to 17.0
V
Operating input voltage range 1 (H+, H–)
(more than Vcc=9V)
0 to 7
V
Operating input voltage range 1 (H+, H–)
(less than Vcc=9V)
Vin1
0 to Vcc–2
V
Operating input voltage range 2 (TH, MIN)
Vin2
0 to Vref
V
SSOP-A16


Similar Part No. - BD6971FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6971FS ROHM-BD6971FS Datasheet
134Kb / 5P
Silicon Monolithic Integrated Circuit
BD6971FS ROHM-BD6971FS Datasheet
99Kb / 5P
Silicon Monolithic Integrated Circuit
BD6971FS ROHM-BD6971FS_11 Datasheet
99Kb / 5P
Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6971FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6726FU ROHM-BD6726FU_12 Datasheet
692Kb / 20P
Multifunction Single-phase Full-wave
BD6971FV ROHM-BD6971FV_12 Datasheet
620Kb / 16P
Multifunction Single-phase Full-wave
BD6975FV ROHM-BD6975FV Datasheet
632Kb / 17P
Multifunction Single-phase Full-wave
BD6994FV ROHM-BD6994FV Datasheet
2Mb / 35P
Multifunction Single-phase Full-wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
Multifunction Single-phase Full-wave
BD61241FV ROHM-BD61241FV Datasheet
1Mb / 31P
Multifunction Single-phase Full-wave
BD61243FV ROHM-BD61243FV Datasheet
2Mb / 31P
Multifunction Single-phase Full-wave
BD61250MUV ROHM-BD61250MUV Datasheet
1Mb / 30P
Multifunction Single-phase Full-wave
BD69730FV ROHM-BD69730FV Datasheet
1Mb / 32P
Multifunction Single-phase Full-wave
BD69740FV ROHM-BD69740FV Datasheet
1Mb / 31P
Multifunction Single-phase Full-wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com