Electronic Components Datasheet Search
  English  ▼

X  

GS7660 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # GS7660
Description  Switched-Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS7660 Datasheet(HTML) 6 Page - Vishay Siliconix

  GS7660 Datasheet HTML 1Page - Vishay Siliconix GS7660 Datasheet HTML 2Page - Vishay Siliconix GS7660 Datasheet HTML 3Page - Vishay Siliconix GS7660 Datasheet HTML 4Page - Vishay Siliconix GS7660 Datasheet HTML 5Page - Vishay Siliconix GS7660 Datasheet HTML 6Page - Vishay Siliconix GS7660 Datasheet HTML 7Page - Vishay Siliconix GS7660 Datasheet HTML 8Page - Vishay Siliconix GS7660 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GS7660
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74819
6
24-May-02
To better understand the theory of operation, a review of
the basic switched capacitor building block is helpful (see
Fig. 8). Referring to Fig. 8 and looking at one full cycle of
operation, the charge being drained by the load is Qavg or
IL x T (T being the time period of one full cycle).
All the charge (
∆q) flowing into the output is being delivered
by the input to C1 during only half the cycle. Under steady-
state condition, C1 will charge to the level of the input voltage
(VIN) and discharge to the peak level of the output voltage
(VOUT). Therefor the voltage change on C1 is VIN – VOUT.
Where f is one-half the oscillator frequency. This resistance
is a major component of the output resistance of switched
capacitor circuits.
With C1 = C2 = 10
µF and Fosc = 10kHz, this resistance
represents 20
Ω.
Under the same conditions, the typical value in the
“Electrical Characteristics” section of the GS7660 is 35
Ω.
VIN
C1
f
C2
RLOAD
VOUT
Fig. 8 – Switched Capacitor Model
Qavg =
∆q = C1(Vin –Vout)
IL x T = C1(Vin –Vout) or IL = f x C1(Vin –Vout) f = 1/T
(Vin –Vout)
1
f x C1
IL =
and REQUIV =
(See fig. 9)
1
f x C1
Design Information
Low Voltage (LV) Pin
Fig. 10 (below) shows a simplified circuit diagram of the
GS7660.
It shows a voltage regulator between the VIN and Gnd, in
series with the Oscillator.
Grounding the LV pin removes the regulator from this
series path and improves low voltage performance down to
1.5V. For supply voltages less than 3.0V, the LV pin should
be connected to ground and left open for voltages above
3.0V.
The LV pin can be left grounded over the total range of
Input Voltages. This will improve low voltage operation and
increase oscillator frequency. The disadvantage is
increased quiescent current and reduced efficiency at
higher voltages.
1M
BOOST
pin 1
OSC
pin 7
LV
pin 6
GND
pin 3
CAP-
pin 4
S2
S1
S4
S3
CAP+
pin 2
VIN
pin 8
VOUT
pin 5
÷ 2
Q
Q
Fig. 10 – Functional Diagram
REQUIV =
REQUIV
VOUT
RLOAD
1
VIN
f
× C1
C2
Fig. 9 – Equivalent Impedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com