Electronic Components Datasheet Search
  English  ▼

X  

GS7660 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GS7660
Description  Switched-Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS7660 Datasheet(HTML) 2 Page - Vishay Siliconix

  GS7660 Datasheet HTML 1Page - Vishay Siliconix GS7660 Datasheet HTML 2Page - Vishay Siliconix GS7660 Datasheet HTML 3Page - Vishay Siliconix GS7660 Datasheet HTML 4Page - Vishay Siliconix GS7660 Datasheet HTML 5Page - Vishay Siliconix GS7660 Datasheet HTML 6Page - Vishay Siliconix GS7660 Datasheet HTML 7Page - Vishay Siliconix GS7660 Datasheet HTML 8Page - Vishay Siliconix GS7660 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GS7660
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74819
2
24-May-02
GS7660x x
Operating Junction
Temperature Range
I: –40°C to +125°C
Package Outline
P: Plastic Dip
S: SO-8
1
2
3
4
8
7
6
5
Boost
Cap+
GND
Cap--
1
2
3
4
8
7
6
5
Boost
Cap+
GND
Cap--
VIN
OSC
LV
VOUT
VIN
OSC
LV
VOUT
Top View
Top View
Pin Configuration
Order
Number
Ordering Information
RL
IL
+
VOUT
Oscillator
External
COSC
GS7660
VIN
OSC
LV
VOUT
CAP-
GND
8
7
6
5
CAP+
BOOST
1
4
3
2
+
IS
10
µF
VIN
C2
10
µF
C1
Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com