Electronic Components Datasheet Search
  English  ▼

X  

GS7660 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # GS7660
Description  Switched-Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS7660 Datasheet(HTML) 8 Page - Vishay Siliconix

  GS7660 Datasheet HTML 1Page - Vishay Siliconix GS7660 Datasheet HTML 2Page - Vishay Siliconix GS7660 Datasheet HTML 3Page - Vishay Siliconix GS7660 Datasheet HTML 4Page - Vishay Siliconix GS7660 Datasheet HTML 5Page - Vishay Siliconix GS7660 Datasheet HTML 6Page - Vishay Siliconix GS7660 Datasheet HTML 7Page - Vishay Siliconix GS7660 Datasheet HTML 8Page - Vishay Siliconix GS7660 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
GS7660
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74819
8
24-May-02
Ultra Precision Voltage Divider
An ultra precision voltage divider is shown below in Fig. 12.
To achieve the 0.002% accuracy, the load current has to be
kept below 100nA. However with a slight loss in accuracy,
the load current can be increased.
Battery Splitter
Fig. 13 shows a simple solution to obtain complementary +
and – supplies from a single power supply. The output volt-
ages are + and – half the supply voltage. Good accuracy
requires low load currents.
A disadvantage is the requirement of a floating input supply,
which in the case of a battery is not an issue.
Fig. 12 – Ultra Precision Voltage Divider
1
2
3
4
8
7
6
5
8
7
6
5
10
µF
C1
C2
10
µF
+
+
VIN (3.0V to 12V)
GS7660
Required for VIN < 3V
IL
≤ 100nA
VIN
2
±0.002%
Paralleling For Lower Output Impedance
Fig. 14 above shows two GS7660s connected in parallel to
achieve a lower output resistance. If the output resistance
is dominated by 1/ f C1, which is normally the case with the
GS7660, increasing C1 offers a greater advantage than
the paralleling of circuits.
1
2
3
4
8
7
6
5
8
7
6
5
10
µF
C1
+
+VB /2 (3.0V)
GS7660
Required for VB < 6V
C2
10
µF
+
–
–
+
–
Output Common
–VB /2 (–3.0V)
VB
(6V)
Fig. 13 – Battery Splitter
Fig. 14 – Paralleling for Lower Output Resistance
8
7
6
5
10
µF
C1
+
(VIN)
1
2
3
4
8
7
6
5
GS7660
1
2
3
4
8
7
6
5
GS7660
1/4 CD4077
C2
20
µF +
10
µF
C1
+
VOUT =
--(VIN)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com