Electronic Components Datasheet Search
  English  ▼

X  

GS7660 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # GS7660
Description  Switched-Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS7660 Datasheet(HTML) 7 Page - Vishay Siliconix

  GS7660 Datasheet HTML 1Page - Vishay Siliconix GS7660 Datasheet HTML 2Page - Vishay Siliconix GS7660 Datasheet HTML 3Page - Vishay Siliconix GS7660 Datasheet HTML 4Page - Vishay Siliconix GS7660 Datasheet HTML 5Page - Vishay Siliconix GS7660 Datasheet HTML 6Page - Vishay Siliconix GS7660 Datasheet HTML 7Page - Vishay Siliconix GS7660 Datasheet HTML 8Page - Vishay Siliconix GS7660 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
GS7660
Vishay
formerly General Semiconductor
Document Number 74819
www.vishay.com
24-May-02
7
∑P loss =
P outp.
Res.
P switch
Res.
P cap.
Res.
+ P conversion
++
P outp.
Res.
IL
2
f.C1
f = f osc/2
P switch
Res.
+
= IL
2
(8 RSW + 4 Esr C1 + Esr C2)
P cap.
Res.
P conversion =
1
2
1
2
f
C2
(V ripple2 – 2 Vout.V ripple)]
C1
(Vin2–Vout2)+
f = f osc /2
=
[
Voltage Doubling
Figure 11 shows two methods of voltage doubling. In Fig.
11a , R1 is added to ensure that doubling is not inhibited
by a non-destructive latch-up at start-up. This condition can
occur, since the ground pin (pin 3) is raised above the VIN
pin ( pin 8) during start-up.
R1 increases output impedance and in higher current
applications where the voltage drop across R1 exceeds a two
diode drop, the doubling circuit of Fig 11b is recommended.
The voltage doubler of Fig. 11a is more accurate at low
load currents since the voltage drop across the diode is not
reflected at the output.
Figs. 11a and 11b – Voltage Doubler
1
2
3
4
8
7
6
5
8
7
6
5
10
µF
R1
200
Ω
VIN (1.5V to 6V)
1N914
C1
IOUT
C2
10
µF
+
+
2VIN
(3.0V to 12V)
500k
Ω
1
2
3
4
8
7
6
5
8
7
6
5
10
µF10µF
Required for
V+ < 3.0V
+
VIN
(1.5V to 9.0V)
+
+
+
Vd
VOUT =
2VIN–2VD
–
GS7660
GS7660
–
Vd
Oscillator Frequency Control
For normal operation, the
Boost, and Oscillator Pins
should be left open. Connecting the Boost pin to the VIN
supply will increase oscillator frequency by a factor of 5,
resulting in lower Output Impedance, less ripple, smaller
required capacitor values and moves the switching noise
out of the audio band. Lower oscillator frequency reduces
quiescent current.
The oscillator frequency can be further controlled by driving
the oscillator input from an external frequency source or
lowered , by connecting an external capacitor to the oscil-
lator input.
Efficiency, Output Impedance and Output Ripple
The power efficiency of a switched capacitor voltage con-
verter is dependent on the internal losses.
The total power loss is:
V ripple = IL
(
+ 2 Esr C2
)
1
2. C2 .f
f = f osc /2
Vripple



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com