Electronic Components Datasheet Search
  English  ▼

X  

GS7660 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GS7660
Description  Switched-Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS7660 Datasheet(HTML) 1 Page - Vishay Siliconix

  GS7660 Datasheet HTML 1Page - Vishay Siliconix GS7660 Datasheet HTML 2Page - Vishay Siliconix GS7660 Datasheet HTML 3Page - Vishay Siliconix GS7660 Datasheet HTML 4Page - Vishay Siliconix GS7660 Datasheet HTML 5Page - Vishay Siliconix GS7660 Datasheet HTML 6Page - Vishay Siliconix GS7660 Datasheet HTML 7Page - Vishay Siliconix GS7660 Datasheet HTML 8Page - Vishay Siliconix GS7660 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Description
The GS7660 is a monolithic CMOS switched capacitor
voltage converter, designed to be an improved direct
replacement of the popular ICL7660, MAX1044 and
LTC1044. They perform supply voltage conversions from
positive to negative for an input voltage range of +1.5V to
+6.0V to their negative complements of –1.5V to –6.0V.
The input voltage can also be doubled (VOUT = 2VIN),
halved (VOUT = VIN/2), or multiplied (VOUT = ± n.VIN).
Contained on the chip are a series Power Supply regula-
tor, Oscillator, control Circuitry and four Power MOS
Switches. The oscillator, when unloaded, oscillates at a
nominal frequency of 10 kHz, with an Input voltage of 5.0V.
This frequency can be lowered by the addition of an external
capacitor to the “Osc” terminal or overdriven by an external
frequency source.
An Oscillator “boost” function is available to increase the
oscillator frequency which will optimize performance of
certain parameters. The Lv input can be connected to
ground to improve low voltage operation (VIN
≤ 3V), or left
open for input voltages greater than 3V to reduce power
dissipation.
The GS7660 provides superior performance over earlier
designs by combining low output impedance and low qui-
escent current with high efficiency and by eliminating diode
voltage drop losses. The only external components
required are two low cost electrolytic capacitors.
8 Pin Dip
SO-8
Features
• Low output impedance ( typical 35
Ω at VIN = 5V )
• Low quiescent current ( typical 36
µA at VIN = 5V)
• High power conversion efficiency ( typical 98% )
• Simple and accurate voltage conversion from
positive to negative polarities
• Improved latch-up protection
• No external diodes required
Applications
• – 5V supply from + 5V logic supply
• EIA/TIA – 232E and EIA/TIA – 562 power supplies
• Portable telephones
• Data acquisition systems
• Personal communications equipment
• Panel meters
• Handheld instruments
Typical Application Circuit
10
µF
C1
VOUT = --VIN
VIN (1.5V to 6V)
Required for
VIN 3V
+
+
10
µF
C2
GS7660
Negative Voltage Converter
1
2
3
4
5
6
7
8
GS7660
Vishay
formerly General Semiconductor
Document Number 74819
www.vishay.com
24-May-02
1
New Product
Switched-Capacitor Voltage Converter


Similar Part No. - GS7660

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
256K x 24 6Mb Asynchronous SRAM
GS76024AB-10 GSI-GS76024AB-10 Datasheet
631Kb / 12P
256K x 24 6Mb Asynchronous SRAM
GS76024AB-10I GSI-GS76024AB-10I Datasheet
631Kb / 12P
256K x 24 6Mb Asynchronous SRAM
GS76024AB-12 GSI-GS76024AB-12 Datasheet
631Kb / 12P
256K x 24 6Mb Asynchronous SRAM
GS76024AB-12I GSI-GS76024AB-12I Datasheet
631Kb / 12P
256K x 24 6Mb Asynchronous SRAM
More results

Similar Description - GS7660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com