Electronic Components Datasheet Search
  English  ▼

X  

M68SDIL Datasheet(PDF) 79 Page - Motorola, Inc

Part # M68SDIL
Description  Microcontrollers
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68SDIL Datasheet(HTML) 79 Page - Motorola, Inc

Back Button M68SDIL Datasheet HTML 75Page - Motorola, Inc M68SDIL Datasheet HTML 76Page - Motorola, Inc M68SDIL Datasheet HTML 77Page - Motorola, Inc M68SDIL Datasheet HTML 78Page - Motorola, Inc M68SDIL Datasheet HTML 79Page - Motorola, Inc M68SDIL Datasheet HTML 80Page - Motorola, Inc M68SDIL Datasheet HTML 81Page - Motorola, Inc M68SDIL Datasheet HTML 82Page - Motorola, Inc M68SDIL Datasheet HTML 83Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 460 page
background image
Operating Modes and Resource Mapping
Internal Resource Mapping
MC68HC912D60A — Rev 3.0
Technical Data
MOTOROLA
Operating Modes and Resource Mapping
79
MMSWAI — Memory Mapping Interface Stop in Wait Control
This bit controls access to the memory mapping interface when in
Wait mode.
Normal modes: write anytime; special modes: write never. Read
anytime.
0 = Memory mapping interface continues to function during Wait
mode.
1 = Memory mapping interface access is shut down during Wait
mode.
5.5.2 RAM Mapping
The MC68HC912D60A has 2K byte of fully static RAM that is used for
storing instructions, variables, and temporary data during program
execution. After reset, RAM addressing begins at location $0000 but can
be assigned to any 2K byte boundary within the standard 64K byte
address space. Mapping of internal RAM is controlled by five bits in the
INITRM register.
After reset, the first 512 bytes of RAM have their access inhibited by the
presence of the register address space. After initial MCU configuration,
it is recommended to map the register space at location $0800.
RAM[15:11] — Internal RAM map position
These bits specify the upper five bits of the 16-bit RAM address.
Normal modes: write once; special modes: write anytime. Read
anytime.
Bit 7
6
54
32
1
Bit 0
RAM15
RAM14
RAM13
RAM12
RAM11
0
0
0
RESET:
00
00
00
00
INITRM — Initialization of Internal RAM Position Register
$0010
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com