Electronic Components Datasheet Search
  English  ▼

X  

M68SDIL Datasheet(PDF) 89 Page - Motorola, Inc

Part # M68SDIL
Description  Microcontrollers
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68SDIL Datasheet(HTML) 89 Page - Motorola, Inc

Back Button M68SDIL Datasheet HTML 85Page - Motorola, Inc M68SDIL Datasheet HTML 86Page - Motorola, Inc M68SDIL Datasheet HTML 87Page - Motorola, Inc M68SDIL Datasheet HTML 88Page - Motorola, Inc M68SDIL Datasheet HTML 89Page - Motorola, Inc M68SDIL Datasheet HTML 90Page - Motorola, Inc M68SDIL Datasheet HTML 91Page - Motorola, Inc M68SDIL Datasheet HTML 92Page - Motorola, Inc M68SDIL Datasheet HTML 93Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 460 page
background image
Bus Control and Input/Output
Registers
MC68HC912D60A — Rev 3.0
Technical Data
MOTOROLA
Bus Control and Input/Output
89
This register is associated with external bus control signals and interrupt
inputs, including data bus enable (DBE), mode select (MODB/IPIPE1,
MODA/IPIPE0), ECLK, size (LSTRB), read/write (R/W), IRQ, and XIRQ.
When the associated pin is not used for one of these specific functions,
the pin can be used as general-purpose I/O. The port E assignment
register (PEAR) selects the function of each pin. DDRE determines the
primary direction of each port E pin when configured to be general-
purpose I/O.
Some of these pins have software selectable pull-ups (DBE, LSTRB,
R/W, IRQ, and XIRQ). A single control bit enables the pull-ups for all
these pins which are configured as inputs.
This register is not in the map in peripheral mode or expanded modes
when the EME bit is set.
Read and write anytime.
This register determines the primary direction for each port E pin
configured as general-purpose I/O.
BIT 7
654
321
BIT 0
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
RESET:
—
—
—
————
—
Alt. Pin
Function
DBE or
ECLK or
CAL
MODB or
IPIPE1 or
CGMTST
MODA or
IPIPE0
ECLK
LSTRB or
BDTAGL or
TAGLO
R/W
IRQ
XIRQ
PORTE — Port E Register
$0008
Bit 7
6
54
32
1
Bit 0
DDE7
DDE6
DDE5
DDE4
DDE3
DDE2
0
0
RESET:
00
00
00
00
DDRE — Port E Data Direction Register
$0009
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com