Electronic Components Datasheet Search
  English  ▼

X  

M68SDIL Datasheet(PDF) 82 Page - Motorola, Inc

Part # M68SDIL
Description  Microcontrollers
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68SDIL Datasheet(HTML) 82 Page - Motorola, Inc

Back Button M68SDIL Datasheet HTML 78Page - Motorola, Inc M68SDIL Datasheet HTML 79Page - Motorola, Inc M68SDIL Datasheet HTML 80Page - Motorola, Inc M68SDIL Datasheet HTML 81Page - Motorola, Inc M68SDIL Datasheet HTML 82Page - Motorola, Inc M68SDIL Datasheet HTML 83Page - Motorola, Inc M68SDIL Datasheet HTML 84Page - Motorola, Inc M68SDIL Datasheet HTML 85Page - Motorola, Inc M68SDIL Datasheet HTML 86Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 460 page
background image
Operating Modes and Resource Mapping
Technical Data
MC68HC912D60A — Rev 3.0
82
Operating Modes and Resource Mapping
MOTOROLA
RFSTR1, RFSTR0 — Register Following Stretch
This two bit field determines the amount of clock stretch on accesses
to the 512 byte Register Following Map. It is valid regardless of the
state of the NDRF bit. In Single Chip and Peripheral Modes this bit
has no meaning or effect.
EXSTR1, EXSTR0 — External Access Stretch
This two bit field determines the amount of clock stretch on accesses
to the External Address Space. In Single Chip and Peripheral Modes
this bit has no meaning or effect.
ROMON28, ROMON32 — Enable bits for ROM
These bits are used to enable the Flash EEPROM arrays FEE28 and
FEE32 respectively.
0 = Corresponding Flash EEPROM array disabled from the memory
map.
1 = Corresponding Flash EEPROM array enabled in the memory
map.
Table 5-3. RFSTR Stretch Bit Definition
RFSTR1
RFSTR0
Number of E Clocks
Stretched
00
0
01
1
10
2
11
3
Table 5-4. EXSTR Stretch Bit Definition
EXSTR1
EXSTR0
Number of E Clocks
Stretched
00
0
01
1
10
2
11
3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com