Electronic Components Datasheet Search
  English  ▼

X  

M68SDIL Datasheet(PDF) 30 Page - Motorola, Inc

Part # M68SDIL
Description  Microcontrollers
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68SDIL Datasheet(HTML) 30 Page - Motorola, Inc

Back Button M68SDIL Datasheet HTML 26Page - Motorola, Inc M68SDIL Datasheet HTML 27Page - Motorola, Inc M68SDIL Datasheet HTML 28Page - Motorola, Inc M68SDIL Datasheet HTML 29Page - Motorola, Inc M68SDIL Datasheet HTML 30Page - Motorola, Inc M68SDIL Datasheet HTML 31Page - Motorola, Inc M68SDIL Datasheet HTML 32Page - Motorola, Inc M68SDIL Datasheet HTML 33Page - Motorola, Inc M68SDIL Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 460 page
background image
General Description
Technical Data
MC68HC912D60A — Rev 3.0
30
General Description
MOTOROLA
Figure 1-2
. MC68HC912D60A 80-pin QFP Block Diagram
PT0
PT1
PT2
PT3
PT4
PT5
PT6
PT7
TxCAN
KWG4
KWG3
KWG2
KWG1
KWG0
PG7
KWG6
KWG5
PG4
PH4
KWH4
KWH3
KWH2
KWH1
KWH0
KWH7
KWH6
KWH5
PGUPD(VDD)
PHUPD(VSS)
IOC0
IOC1
IOC2
IOC3
IOC4
IOC5
IOC6
IOC7
60K byte flash EEPROM
2K byte RAM
Enhanced
SPI
PE1
PE2
PE4
PE5
PE6
PE3
VDDAD
VSSAD
RESET
EXTAL
XTAL
PW0
PW1
PW2
PW3
PWM
PP0
PP1
PP2
PP3
VDD
×2
VSS
×2
SCI0 (MI BUS) RxD0
TxD0
RxD1
TxD1
SISO/MISO
MOMI/MOSI
SCK
SS
PS0
PS1
PS2
PS3
PS4
PS5
PS6
PS7
1K byte EEPROM
PE0
PE7
BKGD
capture
timer
SCI1
CPU12
Periodic interrupt
COP watchdog
Clock monitor
Single-wire
background
debug module
Breakpoints
PLL
VSSPLL
XFC
VDDPLL
CAN
RxCAN
DDRA
PORT A
DDRB
PORT B
Multiplexed Address/Data Bus
PAD03
PAD04
PAD05
PAD06
PAD07
VRH0
VRL0
PAD00
PAD01
PAD02
AN03
AN04
AN05
AN06
AN07
VDDAD
VSSAD
VRH0
VRL0
AN00
AN01
AN02
ATD0
I/O
Wide
bus
Narrow bus
PCAN1
PCAN0
VDDX
×2
VSSX
×2
Power for internal circuitry
Power for I/O drivers
PP4
PP5
PP6
PP7
PCAN7
PCAN6
PCAN5
PCAN4
PCAN3
PCAN2
ECLK
R/W
LSTRB/TAGLO
MODA/IPIPE0
MODB/IPIPE1/CGMTST
XIRQ
DBE/CAL/ECLK
Lite
IRQ
integration
module
(LIM)
AN13
AN14
AN15
AN16
AN17
VDDAD
VSSAD
VRH1
VRL1
AN10
AN11
AN12
ATD1
Several I/O on ports G, H and CAN are unavailable externally on the 80-pin QFP package. These in-
ternal pins should either be defined as outputs or have their pull-ups/downs enabled.
Note:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com