Electronic Components Datasheet Search
  English  ▼

X  

MMK15 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MMK15
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK15 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MMK15 Datasheet HTML 5Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 6Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 7Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 8Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 9Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 10Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 11Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 12Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
34
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
* Existing capacitance value in smaller dimensions or new capacitance value.
100 VDC/63 VAC
LEAD SPACING 5 MM
0.0010
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 102K100J01L4 BULK
0.0012
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 122K100J01L4 BULK
0.0015
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 152K100J01L4 BULK
0.0018
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 182K100J01L4 BULK
0.0022
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 222K100J01L4 BULK
0.0027
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 272K100J01L4 BULK
0.0033
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 332K100J01L4 BULK
0.0039
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 392K100J01L4 BULK
0.0047
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 472K100J01L4 BULK
0.0056
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 562K100J01L4 BULK
0.0068
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 682K100J01L4 BULK
0.0082
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 822K100J01L4 BULK
0.010
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 103K100J01L4 BULK
0.012
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 123K100J01L4 BULK
0.015
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 153K100J01L4 BULK
0.018
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 183K100J01L4 BULK
0.022
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 223K100J01L4 BULK
0.027
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 273K100J01L4 BULK
0.033
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 333K100J01L4 BULK
0.039
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 393K100J01L4 BULK
0.047
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 473K100J01L4 BULK
0.056
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 563K100J01L4 BULK
0.068
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 683K100J01L4 BULK
0.082 *
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 823K100J01L4 BULK
J02
0.10 *
2.5
6.5
7.2
5.0
2000
2500
3000
30
MMK5 104K100J01L4 BULK
J02
0.12
3.5
8.0
7.2
5.0
2000
2000
2000
30
MMK5 124K100J02L4 BULK
0.15
3.5
8.0
7.2
5.0
2000
2000
2000
30
MMK5 154K100J02L4 BULK
0.18 *
3.5
8.0
7.2
5.0
2000
2000
2000
30
MMK5 184K100J02L4 BULK
J03
0.22 *
3.5
8.0
7.2
5.0
2000
2000
2000
30
MMK5 224K100J02L4 BULK
J03
0.27 *
4.5
9.0
7.2
5.0
1000
1500
1700
30
MMK5 274K100J03L4 BULK
J04
0.33 *
4.5
9.0
7.2
5.0
1000
1500
1700
30
MMK5 334K100J03L4 BULK
J04
0.39 *
5.0
10.0
7.2
5.0
1000
1300
1500
30
MMK5 394K100J04L4 BULK
J05
0.47 *
5.0
10.0
7.2
5.0
1000
1300
1500
30
MMK5 474K100J04L4 BULK
J05
0.56 *
6.0
11.0
7.2
5.0
1000
1000
1200
30
MMK5 564K100J05L4 BULK
J06
0.68 *
6.0
11.0
7.2
5.0
1000
1000
1200
30
MMK5 684K100J05L4 BULK
J06
0.82
7.2
13.0
7.2
5.0
1000
800
30
MMK5 824K100J06L4 BULK
1.0
7.2
13.0
7.2
5.0
1000
800
30
MMK5 105K100J06L4 BULK
LEAD SPACING 7.5 MM
0.0010
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 102K100K00L4 BULK
0.0012
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 122K100K00L4 BULK
0.0015
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 152K100K00L4 BULK
0.0018
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 182K100K00L4 BULK
0.0022
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 222K100K00L4 BULK
0.0027
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 272K100K00L4 BULK
0.0033
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 332K100K00L4 BULK
0.0039
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 392K100K00L4 BULK
0.0047
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 472K100K00L4 BULK
0.0056
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 562K100K00L4 BULK
0.0068
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 682K100K00L4 BULK
0.0082
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 822K100K00L4 BULK
0.010
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 103K100K00L4 BULK
0.012
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 123K100K00L4 BULK
0.015
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 153K100K00L4 BULK
0.018
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 183K100K00L4 BULK
0.022
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 223K100K00L4 BULK
0.027
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 273K100K00L4 BULK
0.033
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 333K100K00L4 BULK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com