Electronic Components Datasheet Search
  English  ▼

X  

MMK15 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # MMK15
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK15 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button MMK15 Datasheet HTML 13Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 14Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 15Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 16Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 17Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 18Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 19Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 20Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
42
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
400 VDC/200 VAC
* Existing capacitance value in smaller dimensions or new capacitance value.
LEAD SPACING 22.5 MM
1.2 *
10.5
19.0
26.0
22.5
264
10
MMK22,5 125K400D18L4 TRAY
---
1.5 *
11.0
21.5
26.0
22.5
253
10
MMK22,5 155K400D16L4 TRAY
---
1.8 *
15.5
24.5
26.0
22.5
176
10
MMK22,5 185K400D19L4 TRAY
---
2.2 *
15.5
24.5
26.0
22.5
176
10
MMK22,5 225K400D19L4 TRAY
---
2.7 *
15.5
24.5
26.0
22.5
176
10
MMK22,5 275K400D19L4 TRAY
---
LEAD SPACING 27.5 MM
0.68
10.5
20.5
31.5
27.5
216
8
MMK27,5 684K400F11L4 TRAY
0.82
10.5
20.5
31.5
27.5
216
8
MMK27,5 824K400F11L4 TRAY
1.0
10.5
20.5
31.5
27.5
216
8
MMK27,5 105K400F11L4 TRAY
1.2 *
10.5
20.5
31.5
27.5
216
8
MMK27,5 125K400F11L4 TRAY
F12
1.5 *
10.5
20.5
31.5
27.5
216
8
MMK27,5 155K400F11L4 TRAY
F13
1.8 *
10.5
20.5
31.5
27.5
216
8
MMK27,5 185K400F11L4 TRAY
F14
2.2 *
11.5
22.5
31.5
27.5
198
8
MMK27,5 225K400F12L4 TRAY
F14
2.7 *
13.5
23.0
31.5
27.5
171
8
MMK27,5 275K400F03L4 TRAY
---
3.3 *
17.5
28.0
31.5
27.5
126
8
MMK27,5 335K400F14L4 TRAY
---
3.9 *
17.5
28.0
31.5
27.5
126
8
MMK27,5 395K400F14L4 TRAY
---
4.7 *
19.0
29.0
31.5
27.5
117
8
MMK27,5 475K400F15L4 TRAY
---
5.6 *
21.0
30.0
31.5
27.5
108
8
MMK27,5 565K400F16L4 TRAY
---
LEAD SPACING 37.5 MM
1.8
13.0
24.0
41.0
37.5
140
5
MMK37,5 185K400R05L4 TRAY
2.2 *
13.0
24.0
41.0
37.5
140
5
MMK37,5 225K400R05L4 TRAY
R04
2.7 *
13.0
24.0
41.0
37.5
140
5
MMK37,5 275K400R05L4 TRAY
R04
3.3 *
13.0
24.0
41.0
37.5
140
5
MMK37,5 335K400R05L4 TRAY
R02
3.9 *
15.0
26.0
41.0
37.5
119
5
MMK37,5 395K400R04L4 TRAY
R03
4.7 *
15.0
26.0
41.0
37.5
119
5
MMK37,5 475K400R04L4 TRAY
R03
5.6 *
16.5
32.0
41.0
37.5
105
5
MMK37,5 565K400R02L4 TRAY
---
6.8 *
19.0
36.0
41.0
37.5
91
5
MMK37,5 685K400R03L4 TRAY
---
8.2 *
19.0
36.0
41.0
37.5
91
5
MMK37,5 825K400R03L4 TRAY
---
10 *
21.0
38.0
41.0
37.5
84
5
MMK37,5 106K400R06L4 TRAY
---
LEAD SPACING 5 MM
0.0010 *
2.5
6.5
7.2
5.0
2000
2500
3000
80
MMK5 102K630J01L4 BULK
---
0.0012 *
2.5
6.5
7.2
5.0
2000
2500
3000
80
MMK5 122K630J01L4 BULK
---
0.0015 *
2.5
6.5
7.2
5.0
2000
2500
3000
80
MMK5 152K630J01L4 BULK
---
0.0018 *
2.5
6.5
7.2
5.0
2000
2500
3000
80
MMK5 182K630J01L4 BULK
---
0.0022 *
2.5
6.5
7.2
5.0
2000
2500
3000
80
MMK5 222K630J01L4 BULK
---
0.0027 *
2.5
6.5
7.2
5.0
2000
2500
3000
80
MMK5 272K630J01L4 BULK
---
0.0033 *
2.5
6.5
7.2
5.0
2000
2500
3000
80
MMK5 332K630J01L4 BULK
---
0.0039 *
2.5
6.5
7.2
5.0
2000
2500
3000
80
MMK5 392K630J01L4 BULK
---
0.0047 *
3.5
8.0
7.2
5.0
2000
2000
2000
80
MMK5 472K630J02L4 BULK
---
0.0056 *
3.5
8.0
7.2
5.0
2000
2000
2000
80
MMK5 562K630J02L4 BULK
---
0.0068 *
3.5
8.0
7.2
5.0
2000
2000
2000
80
MMK5 682K630J02L4 BULK
---
0.0082 *
3.5
8.0
7.2
5.0
2000
2000
2000
80
MMK5 822K630J02L4 BULK
---
0.010 *
3.5
8.0
7.2
5.0
2000
2000
2000
80
MMK5 103K630J02L4 BULK
---
0.012 *
4.5
9.0
7.2
5.0
1000
1500
1700
80
MMK5 123K630J03L4 BULK
---
0.015 *
4.5
9.0
7.2
5.0
1000
1500
1700
80
MMK5 153K630J03L4 BULK
---
0.018 *
4.5
9.0
7.2
5.0
1000
1500
1700
80
MMK5 183K630J03L4 BULK
---
0.022 *
5.0
10.0
7.2
5.0
1000
1300
1500
80
MMK5 223K630J04L4 BULK
---
0.027 *
6.0
11.0
7.2
5.0
1000
1000
1200
80
MMK5 273K630J05L4 BULK
---
0.033 *
6.0
11.0
7.2
5.0
1000
1000
1200
80
MMK5 333K630J05L4 BULK
---
0.039 *
7.2
13.0
7.2
5.0
1000
800
80
MMK5 393K630J06L4 BULK
---
0.047 *
7.2
13.0
7.2
5.0
1000
800
80
MMK5 473K630J06L4 BULK
---
630 VDC/220 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com