Electronic Components Datasheet Search
  English  ▼

X  

MMK15 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # MMK15
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK15 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button MMK15 Datasheet HTML 13Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 14Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 15Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 16Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 17Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 18Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 19Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 20Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
45
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
1000 VDC/250 VAC
* Existing capacitance value in smaller dimensions or new capacitance value.
LEAD SPACING 5 MM
0.0010 *
2.5
6.5
7.2
5.0
2000
2500
3000
100
MMK5 102K1000J01L4 BULK
---
0.0012 *
3.5
8.0
7.2
5.0
2000
2000
2000
100
MMK5 122K1000J02L4 BULK
---
0.0015 *
3.5
8.0
7.2
5.0
2000
2000
2000
100
MMK5 152K1000J02L4 BULK
---
0.0018 *
3.5
8.0
7.2
5.0
2000
2000
2000
100
MMK5 182K1000J02L4 BULK
---
0.0022 *
3.5
8.0
7.2
5.0
2000
2000
2000
100
MMK5 222K1000J02L4 BULK
---
0.0027 *
3.5
8.0
7.2
5.0
2000
2000
2000
100
MMK5 272K1000J02L4 BULK
---
0.0033 *
3.5
8.0
7.2
5.0
2000
2000
2000
100
MMK5 332K1000J02L4 BULK
---
0.0039 *
4.5
9.0
7.2
5.0
1000
1500
1700
100
MMK5 392K1000J03L4 BULK
---
0.0047 *
4.5
9.0
7.2
5.0
1000
1500
1700
100
MMK5 472K1000J03L4 BULK
---
0.0056 *
4.5
9.0
7.2
5.0
1000
1500
1700
100
MMK5 562K1000J03L4 BULK
---
0.0068 *
5.0
10.0
7.2
5.0
1000
1300
1500
100
MMK5 682K1000J04L4 BULK
---
0.0082 *
6.0
11.0
7.2
5.0
1000
1000
1200
100
MMK5 822K1000J05L4 BULK
---
0.010 *
6.0
11.0
7.2
5.0
1000
1000
1200
100
MMK5 103K1000J05L4 BULK
---
0.012 *
7.2
13.0
7.2
5.0
1000
800
100
MMK5 123K1000J06L4 BULK
---
0.015 *
7.2
13.0
7.2
5.0
1000
800
100
MMK5 153K1000J06L4 BULK
---
LEAD SPACING 7.5 MM
0.0010 *
2.5
6.0
10.0
7.5
2000
2500
3000
80
MMK7,5 102K1000K00L4 BULK
---
0.0012 *
2.5
6.0
10.0
7.5
2000
2500
3000
80
MMK7,5 122K1000K00L4 BULK
---
0.0015 *
2.5
6.0
10.0
7.5
2000
2500
3000
80
MMK7,5 152K1000K00L4 BULK
---
0.0015 *
4.0
8.0
10.5
7.5
1000
1700
1900
80
MMK7,5 152K1000K01L4 BULK
---
0.0018 *
4.0
8.0
10.5
7.5
1000
1700
1900
80
MMK7,5 182K1000K01L4 BULK
---
0.0022 *
4.0
8.0
10.5
7.5
1000
1700
1900
80
MMK7,5 222K1000K01L4 BULK
---
0.0027 *
4.0
8.0
10.5
7.5
1000
1700
1900
80
MMK7,5 272K1000K01L4 BULK
---
0.0033 *
4.0
8.0
10.5
7.5
1000
1700
1900
80
MMK7,5 332K1000K01L4 BULK
---
0.0039 *
4.0
8.0
10.5
7.5
1000
1700
1900
80
MMK7,5 392K1000K01L4 BULK
---
0.0047 *
4.0
8.0
10.5
7.5
1000
1700
1900
80
MMK7,5 472K1000K01L4 BULK
---
0.0056 *
4.0
8.0
10.5
7.5
1000
1700
1900
80
MMK7,5 562K1000K01L4 BULK
---
0.0068 *
5.0
11.0
10.5
7.5
1000
1300
1500
80
MMK7,5 682K1000K03L4 BULK
---
0.0082 *
5.0
11.0
10.5
7.5
1000
1300
1500
80
MMK7,5 822K1000K03L4 BULK
---
0.010 *
5.0
11.0
10.5
7.5
1000
1300
1500
80
MMK7,5 103K1000K03L4 BULK
---
0.012 *
5.0
11.0
10.5
7.5
1000
1300
1500
80
MMK7,5 123K1000K03L4 BULK
---
0.015 *
6.0
12.0
10.5
7.5
1000
1000
1200
80
MMK7,5 153K1000K04L4 BULK
---
0.018 *
6.0
12.0
10.5
7.5
1000
1000
1200
80
MMK7,5 183K1000K04L4 BULK
---
LEAD SPACING 10 MM
0.0010
4.0
9.0
13.0
10.0
1000
900
60
MMK10 102K1000A01L4 BULK
0.0012
4.0
9.0
13.0
10.0
1000
900
60
MMK10 122K1000A01L4 BULK
0.0015
4.0
9.0
13.0
10.0
1000
900
60
MMK10 152K1000A01L4 BULK
0.0018
4.0
9.0
13.0
10.0
1000
900
60
MMK10 182K1000A01L4 BULK
0.0022
4.0
9.0
13.0
10.0
1000
900
60
MMK10 222K1000A01L4 BULK
0.0027
4.0
9.0
13.0
10.0
1000
900
60
MMK10 272K1000A01L4 BULK
0.0033
4.0
9.0
13.0
10.0
1000
900
60
MMK10 332K1000A01L4 BULK
0.0039 *
4.0
9.0
13.0
10.0
1000
900
60
MMK10 392K1000A01L4 BULK
A02
0.0047 *
4.0
9.0
13.0
10.0
1000
900
60
MMK10 472K1000A01L4 BULK
A02
0.0056 *
4.0
9.0
13.0
10.0
1000
900
60
MMK10 562K1000A01L4 BULK
A03
0.0068 *
4.0
9.0
13.0
10.0
1000
900
60
MMK10 682K1000A01L4 BULK
A03
0.0082 *
4.0
9.0
13.0
10.0
1000
900
60
MMK10 822K1000A01L4 BULK
A03
0.010 *
4.5
10.5
13.0
10.0
1000
800
60
MMK10 103K1000A02L4 BULK
A03
0.012 *
4.5
10.5
13.0
10.0
1000
800
60
MMK10 123K1000A02L4 BULK
---
0.015 *
5.0
11.0
13.0
10.0
800
700
60
MMK10 153K1000A03L4 BULK
---
0.018 *
6.0
12.0
13.0
10.0
600
500
60
MMK10 183K1000A04L4 BULK
---
0.022 *
6.0
12.0
13.0
10.0
600
500
60
MMK10 223K1000A04L4 BULK
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com