Electronic Components Datasheet Search
  English  ▼

X  

MMK15 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MMK15
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK15 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MMK15 Datasheet HTML 12Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 13Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 14Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 15Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 16Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 17Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 18Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 19Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
41
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
400 VDC/200 VAC
LEAD SPACING 10 MM
0.0010
4.0
9.0
13.0
10.0
1000
900
30
MMK10 102K400A01L4 BULK
0.0012
4.0
9.0
13.0
10.0
1000
900
30
MMK10 122K400A01L4 BULK
0.0015
4.0
9.0
13.0
10.0
1000
900
30
MMK10 152K400A01L4 BULK
0.0018
4.0
9.0
13.0
10.0
1000
900
30
MMK10 182K400A01L4 BULK
0.0022
4.0
9.0
13.0
10.0
1000
900
30
MMK10 222K400A01L4 BULK
0.0027
4.0
9.0
13.0
10.0
1000
900
30
MMK10 272K400A01L4 BULK
0.0033
4.0
9.0
13.0
10.0
1000
900
30
MMK10 332K400A01L4 BULK
0.0039
4.0
9.0
13.0
10.0
1000
900
30
MMK10 392K400A01L4 BULK
0.0047
4.0
9.0
13.0
10.0
1000
900
30
MMK10 472K400A01L4 BULK
0.0056
4.0
9.0
13.0
10.0
1000
900
30
MMK10 562K400A01L4 BULK
0.0068
4.0
9.0
13.0
10.0
1000
900
30
MMK10 682K400A01L4 BULK
0.0078
4.0
9.0
13.0
10.0
1000
900
30
MMK10 782K400A01L4 BULK
0.0082
4.0
9.0
13.0
10.0
1000
900
30
MMK10 822K400A01L4 BULK
0.010
4.0
9.0
13.0
10.0
1000
900
30
MMK10 103K400A01L4 BULK
0.012
4.0
9.0
13.0
10.0
1000
900
30
MMK10 123K400A01L4 BULK
0.015
4.0
9.0
13.0
10.0
1000
900
30
MMK10 153K400A01L4 BULK
0.018
4.0
9.0
13.0
10.0
1000
900
30
MMK10 183K400A01L4 BULK
0.022
4.0
9.0
13.0
10.0
1000
900
30
MMK10 223K400A01L4 BULK
0.027 *
4.0
9.0
13.0
10.0
1000
900
30
MMK10 273K400A01L4 BULK
A02
0.033 *
4.0
9.0
13.0
10.0
1000
900
30
MMK10 333K400A01L4 BULK
A02
0.039 *
4.0
9.0
13.0
10.0
1000
900
30
MMK10 393K400A01L4 BULK
A03
0.047 *
4.0
9.0
13.0
10.0
1000
900
30
MMK10 473K400A01L4 BULK
A03
0.056 *
4.0
9.0
13.0
10.0
1000
900
30
MMK10 563K400A01L4 BULK
---
0.068 *
4.0
9.0
13.0
10.0
1000
900
30
MMK10 683K400A01L4 BULK
---
0.082 *
4.5
10.5
13.0
10.0
1000
800
30
MMK10 823K400A02L4 BULK
---
0.10 *
5.0
11.0
13.0
10.0
800
700
30
MMK10 104K400A03L4 BULK
---
0.12 *
5.0
11.0
13.0
10.0
800
700
30
MMK10 124K400A03L4 BULK
---
0.15 *
6.0
12.0
13.0
10.0
600
500
30
MMK10 154K400A04L4 BULK
---
LEAD SPACING 15 MM
0.047
5.5
10.5
18.0
15.0
1000
600
20
MMK15 473K400B04L4 BULK
0.056
5.5
10.5
18.0
15.0
1000
600
20
MMK15 563K400B04L4 BULK
0.068
5.5
10.5
18.0
15.0
1000
600
20
MMK15 683K400B04L4 BULK
0.082 *
5.5
10.5
18.0
15.0
1000
600
20
MMK15 823K400B04L4 BULK
B05
0.10 *
5.5
10.5
18.0
15.0
1000
600
20
MMK15 104K400B04L4 BULK
B05
0.12 *
5.5
10.5
18.0
15.0
1000
600
20
MMK15 124K400B04L4 BULK
B10
0.15 *
5.5
10.5
18.0
15.0
1000
600
20
MMK15 154K400B04L4 BULK
B06
0.18 *
5.5
12.5
18.0
15.0
1000
600
20
MMK15 184K400B05L4 BULK
B06
0.22 *
5.5
12.5
18.0
15.0
1000
600
20
MMK15 224K400B05L4 BULK
B12
0.27 *
6.5
12.5
18.0
15.0
1000
500
20
MMK15 274K400B10L4 BULK
---
0.33 *
7.5
14.5
18.0
15.0
800
400
20
MMK15 334K400B06L4 BULK
---
0.39 *
7.5
14.5
18.0
15.0
800
400
20
MMK15 394K400B06L4 BULK
---
0.47 *
8.5
16.0
18.0
15.0
600
400
20
MMK15 474K400B11L4 BULK
---
0.56 *
8.5
16.0
18.0
15.0
600
400
20
MMK15 564K400B11L4 BULK
---
0.68 *
9.5
17.5
18.0
15.0
500
350
20
MMK15 684K400B14L4 BULK
---
LEAD SPACING 22.5 MM
0.18
6.5
14.5
26.0
22.5
234
10
MMK22,5 184K400D13L4 TRAY
0.22
6.5
14.5
26.0
22.5
234
10
MMK22,5 224K400D13L4 TRAY
0.27
6.5
14.5
26.0
22.5
234
10
MMK22,5 274K400D13L4 TRAY
0.33 *
6.5
14.5
26.0
22.5
234
10
MMK22,5 334K400D13L4 TRAY
D17
0.39 *
6.5
14.5
26.0
22.5
234
10
MMK22,5 394K400D13L4 TRAY
D14
0.47 *
6.5
14.5
26.0
22.5
234
10
MMK22,5 474K400D13L4 TRAY
D15
0.56 *
7.0
16.5
26.0
22.5
216
10
MMK22,5 564K400D17L4 TRAY
D15
0.68 *
8.0
16.0
26.0
22.5
186
10
MMK22,5 684K400D14L4 TRAY
D18
0.82 *
9.0
18.5
26.0
22.5
168
10
MMK22,5 824K400D15L4 TRAY
---
1.0 *
9.0
18.5
26.0
22.5
168
10
MMK22,5 105K400D15L4 TRAY
---
* Existing capacitance value in smaller dimensions or new capacitance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com