Electronic Components Datasheet Search
  English  ▼

X  

MMK15 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MMK15
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK15 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MMK15 Datasheet HTML 7Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 8Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 9Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 10Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 11Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 12Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 13Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 14Page - List of Unclassifed Manufacturers MMK15 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
36
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
100 VDC/63 VAC
LEAD SPACING 15 MM
0.27
5.5
10.5
18.0
15.0
1000
600
8
MMK15 274K100B04L4 BULK
0.33
5.5
10.5
18.0
15.0
1000
600
8
MMK15 334K100B04L4 BULK
0.39
5.5
10.5
18.0
15.0
1000
600
8
MMK15 394K100B04L4 BULK
0.47
5.5
10.5
18.0
15.0
1000
600
8
MMK15 474K100B04L4 BULK
0.56
5.5
10.5
18.0
15.0
1000
600
8
MMK15 564K100B04L4 BULK
0.68 *
5.5
10.5
18.0
15.0
1000
600
8
MMK15 684K100B04L4 BULK
B05
0.82 *
5.5
10.5
18.0
15.0
1000
600
8
MMK15 824K100B04L4 BULK
B10
1.0 *
5.5
10.5
18.0
15.0
1000
600
8
MMK15 105K100B04L4 BULK
B06
1.2 *
5.5
12.5
18.0
15.0
1000
600
8
MMK15 125K100B05L4 BULK
B06
1.5 *
6.5
12.5
18.0
15.0
1000
500
8
MMK15 155K100B10L4 BULK
B12
1.8 *
7.5
14.5
18.0
15.0
800
400
8
MMK15 185K100B06L4 BULK
B12
2.2 *
7.5
14.5
18.0
15.0
800
400
8
MMK15 225K100B06L4 BULK
B12
2.7 *
8.0
15.0
18.0
15.0
600
400
8
MMK15 275K100B12L4 BULK
---
3.3 *
8.5
16.0
18.0
15.0
600
400
8
MMK15 335K100B11L4 BULK
---
3.9 *
9.5
17.5
18.0
15.0
500
350
8
MMK15 395K100B14L4 BULK
---
LEAD SPACING 22.5 MM
1.2
6.5
14.5
26.0
22.5
234
5
MMK22,5 125K100D13L4 TRAY
1.5
6.5
14.5
26.0
22.5
234
5
MMK22,5 155K100D13L4 TRAY
1.8
6.5
14.5
26.0
22.5
234
5
MMK22,5 185K100D13L4 TRAY
2.0
6.5
14.5
26.0
22.5
234
5
MMK22,5 205K100D13L4 TRAY
2.2 *
6.5
14.5
26.0
22.5
234
5
MMK22,5 225K100D13L4 TRAY D17
2.7 *
6.5
14.5
26.0
22.5
234
5
MMK22,5 275K100D13L4 TRAY D14
3.3 *
7.0
16.5
26.0
22.5
216
5
MMK22,5 335K100D17L4 TRAY D15
3.9 *
8.0
16.0
26.0
22.5
186
5
MMK22,5 395K100D14L4 TRAY D15
4.7 *
9.0
18.5
26.0
22.5
168
5
MMK22,5 475K100D15L4 TRAY D18
5.6 *
9.0
18.5
26.0
22.5
168
5
MMK22,5 565K100D15L4 TRAY D16
6.8 *
10.5
19.0
26.0
22.5
264
5
MMK22,5 685K100D18L4 TRAY ---
8.2 *
11.0
21.5
26.0
22.5
253
5
MMK22,5 825K100D16L4 TRAY ---
10.0 *
15.5
24.5
26.0
22.5
176
5
MMK22,5 106K100D19L4 TRAY ---
12.0 *
15.5
24.5
26.0
22.5
176
5
MMK22,5 126K100D19L4 TRAY ---
15.0 *
15.5
24.5
26.0
22.5
176
5
MMK22,5 156K100D19L4 TRAY ---
LEAD SPACING 27.5 MM
3.9
10.5
20.5
31.5
27.5
216
3
MMK27,5 395K100F11L4 TRAY
4.7
10.5
20.5
31.5
27.5
216
3
MMK27,5 475K100F11L4 TRAY
5.6
10.5
20.5
31.5
27.5
216
3
MMK27,5 565K100F11L4 TRAY
6.8
10.5
20.5
31.5
27.5
216
3
MMK27,5 685K100F11L4 TRAY
8.2 *
10.5
20.5
31.5
27.5
216
3
MMK27,5 825K100F11L4 TRAY F12
10 *
11.5
22.5
31.5
27.5
198
3
MMK27,5 106K100F12L4 TRAY F13
12 *
11.5
22.5
31.5
27.5
198
3
MMK27,5 126K100F12L4 TRAY F14
15 *
14.5
24.5
31.5
27.5
153
3
MMK27,5 156K100F13L4 TRAY F14
18 *
17.5
28.0
31.5
27.5
126
3
MMK27,5 186K100F14L4 TRAY ---
22 *
17.5
28.0
31.5
27.5
126
3
MMK27,5 226K100F14L4 TRAY ---
27 *
19.0
29.0
31.5
27.5
117
3
MMK27,5 276K100F15L4 TRAY ---
33 *
21.0
30.0
31.5
27.5
108
3
MMK27,5 336K100F16L4 TRAY ---
LEAD SPACING 37.5 MM
12
13.0
24.0
41.0
37.5
140
2
MMK37,5 126K100R05L4 TRAY
15 *
13.0
24.0
41.0
37.5
140
2
MMK37,5 156K100R05L4 TRAY R04
18 *
13.0
24.0
41.0
37.5
140
2
MMK37,5 186K100R05L4 TRAY R04
22 *
15.0
26.0
41.0
37.5
119
2
MMK37,5 226K100R04L4 TRAY R02
27 *
15.0
26.0
41.0
37.5
119
2
MMK37,5 276K100R04L4 TRAY R03
33 *
16.5
32.0
41.0
37.5
105
2
MMK37,5 336K100R02L4 TRAY R03
39 *
19.0
36.0
41.0
37.5
91
2
MMK37,5 396K100R03L4 TRAY ---
47 *
19.0
36.0
41.0
37.5
91
2
MMK37,5 476K100R03L4 TRAY ---
56 *
21.0
38.0
41.0
37.5
84
2
MMK37,5 566K100R06L4 TRAY ---
* Existing capacitance value in smaller dimensions or new capacitance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com