Electronic Components Datasheet Search
  English  ▼

X  

SF240 Datasheet(PDF) 2 Page - NEC

Part # SF240
Description  ORGANIC THERMAL SENSITIVE PELLET TYPE 10 AMPERES RATED CURRENT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SF240 Datasheet(HTML) 2 Page - NEC

  SF240 Datasheet HTML 1Page - NEC SF240 Datasheet HTML 2Page - NEC SF240 Datasheet HTML 3Page - NEC SF240 Datasheet HTML 4Page - NEC SF240 Datasheet HTML 5Page - NEC SF240 Datasheet HTML 6Page - NEC SF240 Datasheet HTML 7Page - NEC SF240 Datasheet HTML 8Page - NEC SF240 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
SF/E SERIES
TYPE NAME DESIGNATION
S F
1 3 9
E
–1
Lead Length (none: standard lead type, –1: long lead type)
Series Name (SF/E series)
Operating Temperature
Type Name (SF type)
MARKING
MITI
Approved Mark
Factory Code
Brand Name
SEFUSE
SF139E
Tf142˚C
10 A
250V ~
Type Name
Production Control No.
Rated Functioning Temperature
Rated Current
Rated Voltage
∗
∗∗
∗ Factory Code represents the manufactured placce as shown below.
Japan : none, Thailand : B
∗∗ Designation of Production Control No.
98 7 0
(example)
Sub-Lot No.
Manufactured month (1 to 9 as Jan. to Sep. and X, Y, Z as Oct., Nov. and Dec.)
Manufactured year (last two figures of A. D.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com