Electronic Components Datasheet Search
  English  ▼

X  

SF240 Datasheet(PDF) 1 Page - NEC

Part # SF240
Description  ORGANIC THERMAL SENSITIVE PELLET TYPE 10 AMPERES RATED CURRENT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SF240 Datasheet(HTML) 1 Page - NEC

  SF240 Datasheet HTML 1Page - NEC SF240 Datasheet HTML 2Page - NEC SF240 Datasheet HTML 3Page - NEC SF240 Datasheet HTML 4Page - NEC SF240 Datasheet HTML 5Page - NEC SF240 Datasheet HTML 6Page - NEC SF240 Datasheet HTML 7Page - NEC SF240 Datasheet HTML 8Page - NEC SF240 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Document No. EM0244EJ2V1DS00
(KC–15003)
Date Published February 1998 M
Printed in Japan
ORGANIC THERMAL SENSITIVE PELLET TYPE
10 AMPERES RATED CURRENT
Thermal Cutoff SEFUSETM
SF/E SERIES
The information in this document is subject to change without notice.
©
1996
NEC's thermal cutoff SE/E series is small, solid and reliable product which can be used under 10 amperes of
rated current. It protects home appliances and industrial equipment from fire by opening of electrical circuit if it
senses an abnormal temperature rise.
FEATURES
™ Approved by UL(USA), CSA(Canada), VDE(Germany), BEAB(UK), and MITI(Japan)
™ Single operation
™ Compact, durable and reliable by hermetic seal structure
™ Excellent sensitive to abnormal temperature rise and high accuracy in operation
™ Stable characteristics in a long-term
™ Capable of opening at large cutoff current of AC 10 amperes
APPLICATIONS
Electric home appliances
Electric industeial equipments
Office automation equipments
Plain paper copiers
Transformers
Motors, etc.
OUTLINE DIMENSIONS (mm)
11
66(81)
20(35)
35
Note: Dimensions in ( ) are for long lead devices.


Similar Part No. - SF240

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SF2401-SMA FAIRVIEW-SF2401-SMA Datasheet
558Kb / 3P
Bandpass Cavity Filter Operating From 4.4 GHz to 4.95 GHz With SMA Female Connectors
REV 2.1
SF2402-SMA FAIRVIEW-SF2402-SMA Datasheet
538Kb / 3P
Bandpass Cavity Filter Operating From 5.25 GHz to 5.85 GHz With SMA Female Connectors
REV 1.1
SF2403-SMA FAIRVIEW-SF2403-SMA Datasheet
534Kb / 3P
Bandpass Cavity Filter Operating From 7.25 GHz to 7.75 GHz With SMA Female Connectors
REV 1.2
SF2404-SMA FAIRVIEW-SF2404-SMA Datasheet
539Kb / 3P
Bandpass Cavity Filter Operating From 7.9 GHz to 8.4 GHz With SMA Female Connectors
REV 1.2
SF2405-SMA FAIRVIEW-SF2405-SMA Datasheet
405Kb / 2P
Lowpass Filter Operating From With SMA Female Connectors
REV 1
More results

Similar Description - SF240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PXV1220S ETC2-PXV1220S_1 Datasheet
49Kb / 1P
thermal sensitive chip attenuators.
logo
JMK Inc.
EA-0380-10A JMK-EA-0380-10A Datasheet
140Kb / 1P
Operating Voltage = 115/250VAC Operating Current = 10 amperes
logo
Gaomi Xinghe Electronic...
SF1001 GXELECTRONICS-SF1001 Datasheet
579Kb / 2P
VOLTAGE - 50 TO 600 VOLTS CURRENT - 10 AMPERES
logo
NEC
SM110G0 NEC-SM110G0 Datasheet
82Kb / 8P
FUSIBLE ALLOY THERMAL SENSITIVE TYPE, 0.5 AMPERES (250 Va.c.) and 3 and 5 AMPERES (50 Vd.c.) Rated Current
logo
Unisonic Technologies
MCR08L-2-X-T92-B UTC-MCR08L-2-X-T92-B Datasheet
187Kb / 4P
Sensitive gate trigger current
logo
Microdiode Semiconducto...
MUR1010 CHENDA-MUR1010 Datasheet
957Kb / 2P
100 to 600 Volts Forward Current - 10 Amperes
MUR1010CT CHENDA-MUR1010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 10 Amperes
SF1010 CHENDA-SF1010 Datasheet
958Kb / 2P
100 to 600 Volts Forward Current - 10 Amperes
SF1010CT CHENDA-SF1010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 10 Amperes
logo
Microsemi Corporation
1N897 MICROSEMI-1N897 Datasheet
66Kb / 2P
PELLET DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com