Electronic Components Datasheet Search
  English  ▼

X  

SF240 Datasheet(PDF) 5 Page - NEC

Part # SF240
Description  ORGANIC THERMAL SENSITIVE PELLET TYPE 10 AMPERES RATED CURRENT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SF240 Datasheet(HTML) 5 Page - NEC

  SF240 Datasheet HTML 1Page - NEC SF240 Datasheet HTML 2Page - NEC SF240 Datasheet HTML 3Page - NEC SF240 Datasheet HTML 4Page - NEC SF240 Datasheet HTML 5Page - NEC SF240 Datasheet HTML 6Page - NEC SF240 Datasheet HTML 7Page - NEC SF240 Datasheet HTML 8Page - NEC SF240 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
SF/E SERIES
Performance Data
SF/E Series
5
5
10
20
30
SF/E
Temperature Rise
Response Time
High Temperature Storage Test
Initial Characteristics
Temperature difference (˚C)
(oil temp. minus operating temp.)
Pass-through Current (A)
40
10
15
20
20
30
40
10
10
20
30
40
0
SF169E
SF139E
SF109E
SF96E
SF70E
Part
Number
SF169E
SF139E
SF109E
SF96E
SF70E
Part
Number
Time (Hours)
Operating
Temperature
(˚C)
Insulation
Resistance after
Operation
(M
Ω)
Change of
Operating
Temperature
(˚C)
Withstand Voltage
after Operation
(kV)
Internal
Resistance
(m
Ω/25 mm)
169
167
168
2.0
1.0
1.5
1.5
@140˚C
@119˚C
@89˚C
@76˚C
@50˚C
0.5
1.0
+2
–2
0
106
104
105
140
138
139
2.0
1.0
1.5
1.5
0.5
1.0
106
104
105
112
110
111
2.0
1.0
1.5
1.5
0.5
1.0
106
104
105
97
95
96
2.0
1.0
1.5
1.5
0.5
1.0
106
104
105
71
69
70
2.0
1.0
1.5
1.5
0
10
100
1,000
10,000
0.5
1.0
106
104
105
+2
–2
0
+2
–2
0
+2
–2
0
+2
–2
0
Note : The values following @ are the storage temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com