| Electronic Components Datasheet Search |
|
SF240 Datasheet(PDF) 6 Page - NEC |
|
|
|||||||||||||||||||||||||||||
SF240 Datasheet(HTML) 6 Page - NEC |
|
6 / 12 page ![]() 6 SF/E SERIES Cautions This section describes cautions designed to protect the performance of the thermal cutoff, Be sure to read and fully understand these cautions. To obtain full performance from the thermal cutoff, it is necessary for the customer to appropriately store the thermal cutoff, design appropriate circuits for the application, and perform evaluations, mounting and testing as necessary. Problems arising from the inappropriate execution of the above are the responsibility of the customer, and NEC declines any and all responsibility. Design Cautions q Do not use this device for any purpose other than as a thermal cutoff. The thermal cutoff is designed to detect abnormal rises in temperature and break circuits if needed. It is not a current fuse that cuts excess current. If used as a current fuse, the SEFUSE may malfunction. q Do not use this device in aerospace equipment, aeronautical equipment, nuclear reactor control systems, Iife support equipment or systems, transportation machinery engine control or safety-related equipment. This device is designed for use in household electric appliance, office automation equipment, audio and video equipment, computer communications equipment, test and measurement equipment, personal electronic equipment and transportation equipment (excluding engine control). q The customer should select the proper thermal cutoff device, mounting location, and mounting method as appropriate for each application. Verify whether the chosen selections are appropriate by repeatedly testing the final design for thermal cutoff under normal conditions as well as under predicted maximum abnormal conditions. q Make designs so that the temperature of the body of the thermal cutoff does not exceed the temperatures shown in Table 1. If, the temperature is exceeded on a regular basis, the thermal cutoff may start operating only at temperatures lower than the normal operating temperature. Malfunctions may also occur. Even if the thermal cutoff's operating temperature is exceeded, it may malfunction. Table 1. Type SF 70E SF 76E SF 91E SF 96E SF109E SF119E SF129E SF139E SF152E SF169E SF188E SF214E SF226E SF240E Body Temperature 50˚C 56˚C 71˚C 76˚C 89˚C 99˚C 109˚C 119˚C 132˚C 140˚C 140˚C 140˚C 140˚C 140˚C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |