Electronic Components Datasheet Search
  English  ▼

X  

SF240 Datasheet(PDF) 3 Page - NEC

Part # SF240
Description  ORGANIC THERMAL SENSITIVE PELLET TYPE 10 AMPERES RATED CURRENT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SF240 Datasheet(HTML) 3 Page - NEC

  SF240 Datasheet HTML 1Page - NEC SF240 Datasheet HTML 2Page - NEC SF240 Datasheet HTML 3Page - NEC SF240 Datasheet HTML 4Page - NEC SF240 Datasheet HTML 5Page - NEC SF240 Datasheet HTML 6Page - NEC SF240 Datasheet HTML 7Page - NEC SF240 Datasheet HTML 8Page - NEC SF240 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
SF/E SERIES
Notes : 1) The type are for standard lead. When long lead type is required, add “–1” at the end of type name.
2) The maximum temperature limit of SF226E is partially approved as shown below.
RECOGNIZED MAXIMUM TEMPERATURE LIMIT OF SF226E
∗ Under application to increase to 300˚C
3) The additional electrical ratings are recognized by UL and CSA as follows.
UL : 277 Vac / 15 A (Resistive), 240 Vac / 15 A (Resistive), 120 Vac / 15 A (Resistive, Inductive),
CSA : 250 Vac max. / 15 A max. (Resistive, Inductive)
4) SF169E, SF188E, SF214E, SF226E and SF240E are recognized the Conductive Heat Aging Test (CH-ratings) of UL.
Type
Name
SF70E
SF76E
SF91E
SF96E
SF109E
SF119E
SF129E
SF139E
SF152E
SF169E
SF188E
SF214E
SF226E
SF240E
Rated
Functioning
Temperature
73 ˚C
77 ˚C
94 ˚C
99 ˚C
113 ˚C
121 ˚C
133 ˚C
142 ˚C
157 ˚C
172 ˚C
192 ˚C
216 ˚C
227 ˚C
240 ˚C
Operating
Temperature
70
±2 ˚C
76
±2 ˚C
91
±2 ˚C
96
±2 ˚C
109
±2 ˚C
119
±2 ˚C
129
±2 ˚C
139
±2 ˚C
152
±2 ˚C
169
±2 ˚C
188
±2 ˚C
214
±2 ˚C
226
±2 ˚C
237
±2 ˚C
TH
Th
TC
45 ˚C
51 ˚C
66 ˚C
71 ˚C
84 ˚C
94 ˚C
104 ˚C
114 ˚C
127 ˚C
144 ˚C
164 ˚C
189 ˚C
190 ˚C
190 ˚C
TM
Tm
150 ˚C
150 ˚C
150 ˚C
150 ˚C
150 ˚C
150 ˚C
159 ˚C
159 ˚C
172 ˚C
189 ˚C
300 ˚C
350 ˚C
350 ˚C
Rated
Current
Rated
Voltage
Safety Standard
UL
CSA
VDE
BEAB
33–312
33–331
33–332
33–333
33–334
33–335
33–336
33–549
33–354
made
in Japan
33–835
33–834
33–833
33–832
33–831
33–830
33–827
33–828
made
in Thailand
STANDARD RATINGS
10 Aac
(Resistive)
250 Vac
(Resistive)
LR
52330
E71747
C0623
6778.2
–4510–
1008
1
3
3
1
1
3
1
3
0
4
3
1
3
1
3)
3)
2)
SF226E
UL
240˚C
CSA
330˚C
VDE
300˚C
BEAB
300˚C
4)
∗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com