Electronic Components Datasheet Search
  English  ▼

X  

LM2794 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2794
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2794 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2794 Datasheet HTML 1Page - National Semiconductor (TI) LM2794 Datasheet HTML 2Page - National Semiconductor (TI) LM2794 Datasheet HTML 3Page - National Semiconductor (TI) LM2794 Datasheet HTML 4Page - National Semiconductor (TI) LM2794 Datasheet HTML 5Page - National Semiconductor (TI) LM2794 Datasheet HTML 6Page - National Semiconductor (TI) LM2794 Datasheet HTML 7Page - National Semiconductor (TI) LM2794 Datasheet HTML 8Page - National Semiconductor (TI) LM2794 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
−0.5 to 6.2V max
SD
−0.5 to (V
IN+0.3V) w/
6.2V max
BRGT
−0.5 to (V
IN+0.3V) w/
6.2V max
Continuous Power Dissipation
(Note 2)
Internally Limited
T
JMAX (Note 2)
135˚C
θ
JA (Notes 2, 3)
125˚C/W
Storge Temperature
−65˚C to +150˚C
Lead Temp. (Soldering, 5 sec.)
260˚C
ESD Rating (Note 4)
Human Body Model
2kV
Machine Model
200V
Operating Conditions
Input Voltage (V
IN)
2.7V to 5.5V
Ambient Temperature (T
A)
−30˚C to +85˚C
Junction Temperature (T
J)
−30˚C to +100˚C
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C and limits in boldface type apply over the full Operating Junction Temperature
Range (−30˚C
≤ T
J
≤ +100˚C). Unless otherwise specified, C1 = C2 = C
IN =CHOLD = 1 µF, VIN = 3.6V, BRGT pin = 0V; RSET
=124
Ω ; LM2794:V
SD =VIN (LM2795: VSD = 0V).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
DX
Available Current at Output Dx
3.0V
≤ V
IN
≤ 5.5V
V
DX
≤ 3.8V
BRGT = 50mV
15
16.8
mA
2.7V
≤ V
IN
≤ 3.0V
V
DX
≤ 3.6V
BRGT = 0V
10
mA
V
DX
≤ 3.8V
BRGT = 200mV
20
mA
V
DX
Available Voltage at Output Dx
3.0V
≤ V
IN
≤ 5.5V
I
DX
≤ 15mA
BRGT = 50mV
3.8
V
I
DX
Line Regulation of Dx Output
Current
3.0V
≤ V
IN
≤ 5.5V
V
DX = 3.6V
14.18
15.25
16.78
mA
3.0V
≤ V
IN
≤ 4.4V
V
DX = 3.6V
14.18
15.25
16.32
mA
I
DX
Load Regulation of Dx Output
Current
V
IN = 3.6V
3.0V
≤ V
DX
≤ 3.8V
14.18
15.25
16.32
mA
I
D-MATCH
Current Matching Between Any
Two Outputs
V
IN = 3.6V, VDX = 3.6V
0.5
%
I
Q
Quiescent Supply Current
3.0V
≤ V
IN
≤ 4.2V, Active, No
Load Current
R
SET = OPEN
5.5
8.2
mA
I
SD
Shutdown Supply Current
3.0V
≤ V
IN
≤ 5.5V, Shutdown
2.3
5
µA
I
PULL-SD
Shutdown Pull-Up Current
(LM2795)
V
IN = 3.6V
1.5
µA
V
CP
Input Charge-Pump Mode To
Pass Mode Threshold
4.7
V
V
CPH
Input Charge-Pump Mode To
Pass Mode Hysteresis
(Note 5)
250
mV
V
IH
SD Input Logic High (LM2794)
3.0V
≤ V
IN
≤ 5.5V
1.0
V
SD Input Logic High (LM2795)
0.8V
IN
V
IL
SD Input Logic Low (LM2794)
3.0V
≤ V
IN
≤ 5.5V
0.2
V
SD Input Logic Low (LM2795)
0.2V
IN
I
LEAK-SD
SD Input Leakage Current
0V
≤ V
SD
≤ V
IN
100
nA
R
BRGT
BRGT Input Resistance
240
k
Ω
I
SET
I
SET Pin Output Current
I
DX/10
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com