Electronic Components Datasheet Search
  English  ▼

X  

LM2794 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2794
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2794 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2794 Datasheet HTML 8Page - National Semiconductor (TI) LM2794 Datasheet HTML 9Page - National Semiconductor (TI) LM2794 Datasheet HTML 10Page - National Semiconductor (TI) LM2794 Datasheet HTML 11Page - National Semiconductor (TI) LM2794 Datasheet HTML 12Page - National Semiconductor (TI) LM2794 Datasheet HTML 13Page - National Semiconductor (TI) LM2794 Datasheet HTML 14Page - National Semiconductor (TI) LM2794 Datasheet HTML 15Page - National Semiconductor (TI) LM2794 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Information (Continued)
Output resistance results in droop in the P
OUT voltage pro-
portional to the amount of current delivered by the pump.
The P
OUT voltage is an important factor in determining the
total output current capability of an application. Taking total
output current to be the sum of all D
X output currents plus
the current delivered through the P
OUT pin, the voltage at
P
OUT can be predicted with the following equations:
I
TOTAL =ID1 +ID2 +ID3 +ID4 +IPOUT
V
POUT = 1.5xVIN −ITOTAL xROUT
LED HEADROOM VOLTAGE (V
HR)
Four current sources are connected internally between P
OUT
and D
1-D4. The voltage across each current source, (VPOUT
−V
DX), is referred to as headroom voltage (VHR). The cur-
rent sources require a sufficient amount of headroom voltage
to be present across them in order to regulate properly.
Minimum required headroom voltage is proportional to the
current flowing through the current source, as dictated by the
equation:
V
HR-MIN =kHR xIDX
The parameter k
HR, typically 20mV/mA in the LM2794/5, is a
proportionality constant that represents the ON-resistance of
the internal current mirror transistors. For worst-case design
calculations, using a k
HR of 25mV/mA is recommended.
(Worst-case recommendation accounts for parameter shifts
from part-to-part variation and applies over the full operating
temperature range). Figure 3 shows how output current of
the LM2794/5 varies with respect to headroom voltage.
On the flat part of the graph, the currents regulate properly
as there is sufficient headroom voltage for regulation. On the
sloping part of the graph the headroom voltage is too small,
the current sources are squeezed, and their current drive
capability is limited. Changes in headroom voltage from one
output to the next, possible with LED forward voltage mis-
match, will result in different output currents and LED bright-
ness mismatch. Thus, operating the LM2794/5 with insuffi-
cient headroom voltage across the current sources should
be avoided.
20028535
FIGURE 2. Keypad LEDs Connected to P
OUT
20028539
FIGURE 3. I
LED vs VHR
4 LEDs, V
IN = 3.0V
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com