Electronic Components Datasheet Search
  English  ▼

X  

LM2794 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2794
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2794 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2794 Datasheet HTML 1Page - National Semiconductor (TI) LM2794 Datasheet HTML 2Page - National Semiconductor (TI) LM2794 Datasheet HTML 3Page - National Semiconductor (TI) LM2794 Datasheet HTML 4Page - National Semiconductor (TI) LM2794 Datasheet HTML 5Page - National Semiconductor (TI) LM2794 Datasheet HTML 6Page - National Semiconductor (TI) LM2794 Datasheet HTML 7Page - National Semiconductor (TI) LM2794 Datasheet HTML 8Page - National Semiconductor (TI) LM2794 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics (Continued)
Limits in standard typeface are for T
J = 25˚C and limits in boldface type apply over the full Operating Junction Temperature
Range (−30˚C
≤ T
J
≤ +100˚C). Unless otherwise specified, C1 = C2 = C
IN =CHOLD = 1 µF, VIN = 3.6V, BRGT pin = 0V; RSET
=124
Ω ; LM2794:V
SD =VIN (LM2795: VSD = 0V).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
f
SW
Switching Frequency (Note 6)
3.0V
≤ V
IN
≤ 4.4V
325
515
675
kHz
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its rated operating conditions.
Note 2: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150˚C (typ.) and disengages at
TJ=140˚C (typ.). D1, D2, D3 and D4 may be shorted to GND without damage. POUT may be shorted to GND for 1sec without damage.
Note 3: The value of
θJA is based on a two layer evaluation board with a dimension of 2in. x1.5in.
Note 4: In the test circuit, all capacitors are 1.0µF, 0.3
Ω maximum ESR capacitors. Capacitors with higher ESR will increase output resistance, reduce output
voltage and efficiency.
Note 5: Voltage at which the device switches from charge-pump mode to pass mode or pass mode to charge-pump mode. For example, during pass mode the
device output (Pout) follows the input voltage.
Note 6: The output switches operate at one eigth of the oscillator frequency, fOSC = 1/8fSW.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com