Electronic Components Datasheet Search
  English  ▼

X  

LM2794 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2794
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2794 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2794 Datasheet HTML 1Page - National Semiconductor (TI) LM2794 Datasheet HTML 2Page - National Semiconductor (TI) LM2794 Datasheet HTML 3Page - National Semiconductor (TI) LM2794 Datasheet HTML 4Page - National Semiconductor (TI) LM2794 Datasheet HTML 5Page - National Semiconductor (TI) LM2794 Datasheet HTML 6Page - National Semiconductor (TI) LM2794 Datasheet HTML 7Page - National Semiconductor (TI) LM2794 Datasheet HTML 8Page - National Semiconductor (TI) LM2794 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2794/LM2795
Current Regulated Switched Capacitor LED Supply with
Analog and PWM Brightness Control
General Description
The LM2794/95 is a fractional CMOS charge-pump that
provides four regulated current sources. It accepts an input
voltage range from 2.7V to 5.5V and maintains a constant
current determined by an external sense resistor.
The LM2794/5 delivers up to 80mA of load current to accom-
modate four White LEDs. The switching frequency is
325kHz. (min.) to keep the conducted noise spectrum away
from sensitive frequencies within portable RF devices.
Brightness can be controlled by both linear and PWM tech-
niques. A voltage between 0V and 3.0V may be applied to
the BRGT pin to linearly vary the LED current. Alternatively,
a PWM signal can be applied to the SD pin to vary the
perceived brightness of the LED. The SD pin reduces the
operating current to 2.3µA (typ.) The LM2794 is shut down
when the SD pin is low, and the LM2795 is shut down when
the SD pin is high.
The LM2794/95 is available in a micro SMD-14 CSP pack-
age.
Features
n
Regulated current sources with ±0.5% matching
between any two outputs
n
High efficiency 3/2 boost function
n
Drives one, two, three or four white LEDs
n
2.7V to 5.5V Input Voltage
n
Up to 80mA output current
n
Analog brightness control
n
Active-low or high shutdown input (’94/95)
n
Very small solution size and no inductor
n
2.3µA (typ.) shutdown current
n
325kHz switching frequency (min.)
n
Constant Frequency generates predictable noise
spectrum
n
Standard Micro SMD-14 package: 2.08mm X 2.403mm
X 0.845mm High
n
Thin Micro SMD-14 package: 2.08mm X 2.403mm X
0.600mm High
Applications
n
White LED Display Backlights
n
White LED Keypad Backlights
n
1-Cell Li-Ion battery-operated equipment including
PDAs, hand-held PCs, cellular phones
Basic Application Circuit
20028503
March 2004
© 2004 National Semiconductor Corporation
DS200285
www.national.com


Similar Part No. - LM2794

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 21P
Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794 TI2-LM2794 Datasheet
692Kb / 23P
LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
REVISED MAY 2013
LM2794TL/NOPB TI1-LM2794TL/NOPB Datasheet
1Mb / 24P
LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794TL/NOPB TI2-LM2794TL/NOPB Datasheet
692Kb / 23P
LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
REVISED MAY 2013
More results

Similar Description - LM2794

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
LM2794 TI1-LM2794_14 Datasheet
1Mb / 21P
Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
White LED Charge Pump Current Source with PWM Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com